Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1190 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1190
Description  Ultrahigh Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1190 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1190 Datasheet HTML 4Page - Linear Technology LT1190 Datasheet HTML 5Page - Linear Technology LT1190 Datasheet HTML 6Page - Linear Technology LT1190 Datasheet HTML 7Page - Linear Technology LT1190 Datasheet HTML 8Page - Linear Technology LT1190 Datasheet HTML 9Page - Linear Technology LT1190 Datasheet HTML 10Page - Linear Technology LT1190 Datasheet HTML 11Page - Linear Technology LT1190 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1190
Output Shutdown
Output Shutdown
Cable Terminations
The LT1190 operational amplifier has been optimized as a
low cost video cable driver. The
±50mAguaranteedoutput
current enables the LT1190 to easily deliver 7.5VP-P into
100
Ω, while operating on ±5V supplies or 2.6VP-P on a
single 5V supply.
APPLICATIO S I FOR ATIO
FREQUENCY (Hz)
10
8
6
4
2
0
–2
–4
–6
–8
–10
LT1190 • TA08
100M
10M
1M
100k
VS = ±5V
TA = 25°C
AV = 2
RFB = 1k
RG = 330Ω
AV = 1
RFB = 1k
RG = 1k
CABLE
2
+
5V
7
LT1190
–5V
4
3
6
Cable Driver Voltage Gain vs Frequency
Double Terminated Cable Driver
RG
75
75
RFB
When driving a cable it is important to terminate the cable
to avoid unwanted reflections. This can be done in one of
two ways: single termination or double termination. With
single termination, the cable must be terminated at the
receiving end (75
Ω to ground) to absorb unwanted en-
ergy. The best performance can be obtained by double
termination (75
Ω in series with the output of the amplifier,
and 75
Ω to ground at the other end of the cable). This
termination is preferred because reflected energy is ab-
sorbed at each end of the cable. When using the double
termination technique it is important to note that the signal
is attenuated by a factor of 2, or 6dB. This can be compen-
sated for by taking a gain of 2, or 6dB in the amplifier. The
cable driver has a – 3dB bandwidth in excess of 30MHz
while driving the 150
Ω load.
Using the Shutdown Feature
The LT1190 has a unique feature that allows the amplifier
to be shut down for conserving power or for multiplexing
several amplifiers onto a common cable. The amplifier will
shut down by taking Pin 5 to V . In shutdown, the
amplifier dissipates 15mW while maintaining a true high
impedance output state of 15k
Ω in parallel with the
feedback resistors. The amplifiers must be used in a
noninverting configuration for MUX applications. In in-
verting configurations the input signal is fed to the output
through the feedback components. The following scope
photos show that with very high RL, the output is truly high
impedance; the output slowly decays toward ground.
Additionally, when the output is loaded with as little as 1k
the amplifier shuts off in 400ns. This shutoff can be under
the control of HC CMOS operating between 0V and – 5V.
LT1190 • TA09
1MHz SINE WAVE GATED OFF WITH
SHUTDOWN PIN, AV = 1, RL = SCOPE PROBE
VOUT
–5V
0V
VSHDN
LT1190 • TA10
1MHz SINE WAVE GATED OFF WITH
SHUTDOWN PIN, AV = 1, RL = 1kΩ
VOUT
–5V
0V
VSHDN


Similar Part No. - LT1190

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1190 LINER-LT1190 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190C LINER-LT1190C Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1190CJ8 LINER-LT1190CJ8 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1190CJ8 LINER-LT1190CJ8 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
More results

Similar Description - LT1190

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com