Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1190 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1190
Description  Ultrahigh Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1190 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1190 Datasheet HTML 4Page - Linear Technology LT1190 Datasheet HTML 5Page - Linear Technology LT1190 Datasheet HTML 6Page - Linear Technology LT1190 Datasheet HTML 7Page - Linear Technology LT1190 Datasheet HTML 8Page - Linear Technology LT1190 Datasheet HTML 9Page - Linear Technology LT1190 Datasheet HTML 10Page - Linear Technology LT1190 Datasheet HTML 11Page - Linear Technology LT1190 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1190
A 1X Scope Probe Is a
Large Capacitive Load
An Unterminated Cable Is
a Large Capacitive Load
Murphy Circuits
Driving Capacitive Load
Driving Capacitive Load
The ability to maintain shutoff is shown on the curve
Shutdown Supply Current vs Temperature in the Typical
Performance Characteristics section. At very high
elevated temperatures it is important to hold the shut-
down pin close to the negative supply to keep the supply
current from increasing.
Murphy Circuits
There are several precautions the user should take when
using the LT1190 in order to realize its full capability.
Although the LT1190 can drive a 50pF load, isolating the
capacitance with 10
Ω can be helpful. Precautions prima-
rily have to do with driving large capacitive loads.
Other precautions include:
1. Use a ground plane (see Design Note 50, High Fre-
quency Amplifier Evaluation Board).
2. Do not use high source impedances. The input
capacitance of 2pF and RS = 10k for instance, will give
an 8MHz – 3dB bandwidth.
3. PC board socket may reduce stability.
4. A feedback resistor of 1k or lower reduces the effects of
stray capacitance at the inverting input. (For instance,
closed-loop gain of 2 can use RFB = 300Ω and RG =
300
Ω.)
APPLICATIO S I FOR ATIO
LT1190 • TA13
COAX
5V
–5V
4
2
7
3
6
2
5V
7
–5V
4
3
6
SCOPE
PROBE
2
5V
7
–5V
4
3
6
1X SCOPE
PROBE
+
LT1190
+
LT1190
+
LT1190
A Scope Probe on the Inverting
Input Reduces Phase Margin
LT1190 • TA11
AV = –1, IN DEMO BOARD, CL = 50pF
LT1190 • TA12
AV = –1, IN DEMO BOARD, CL = 50pF
WITH 10
Ω ISOLATING RESISTOR


Similar Part No. - LT1190

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1190 LINER-LT1190 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190C LINER-LT1190C Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1190CJ8 LINER-LT1190CJ8 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1190CJ8 LINER-LT1190CJ8 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
More results

Similar Description - LT1190

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com