Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1222 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1222
Description  Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222 Datasheet(HTML) 3 Page - Linear Technology

  LT1222 Datasheet HTML 1Page - Linear Technology LT1222 Datasheet HTML 2Page - Linear Technology LT1222 Datasheet HTML 3Page - Linear Technology LT1222 Datasheet HTML 4Page - Linear Technology LT1222 Datasheet HTML 5Page - Linear Technology LT1222 Datasheet HTML 6Page - Linear Technology LT1222 Datasheet HTML 7Page - Linear Technology LT1222 Datasheet HTML 8Page - Linear Technology LT1222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1222
1222fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr, tf
Rise Time, Fall Time
AV = 10, 10% to 90%, 0.1V
2.4
ns
Overshoot
AV = 10, 0.1V
43
%
Propagation Delay
AV = 10, 50% VIN to 50% VOUT, 0.1V
5.2
ns
ts
Settling Time
10V Step, 0.1%
75
ns
10V Step, 0.01%
120
ns
Differential Gain
AV = 2, CC = 50pF, f = 3.58MHz, RL = 150Ω (Note 7)
0.40
%
AV = 10, CC = 0pF, f = 3.58MHz, RL = 1k (Note 7)
0.15
%
Differential Phase
AV = 2, CC = 50pF, f = 3.58MHz, RL = 150Ω (Note 7)
0.10
DEG
AV = 10, CC = 0pF, f = 3.58MHz, RL = 1k (Note 7)
0.01
DEG
RO
Output Resistance
AV = 10, f = 1MHz
0.1
Ω
IS
Supply Current
8
10.5
mA
ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, VCM = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
100
600
μV
Input VOS Drift
5
μV/°C
IOS
Input Offset Current
100
400
nA
IB
Input Bias Current
100
400
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
100
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
98
110
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
100
200
V/mV
VOUT
Output Swing
RL = 500Ω
12
13
±V
IOUT
Output Current
VOUT = ±12V
24
26
mA
SR
Slew Rate
(Note 5)
150
200
V/
μs
IS
Supply Current
811
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
100
600
μV
Input VOS Drift
5
μV/°C
IOS
Input Offset Current
100
800
nA
IB
Input Bias Current
100
1000
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
98
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
98
110
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
50
200
V/mV
VOUT
Output Swing
RL = 500Ω
10
13
±V
RL = 1k
12
13
±V
IOUT
Output Current
VOUT = ±10V
20
26
mA
VOUT = ±12V
12
13
mA
SR
Slew Rate
(Note 5)
110
200
V/
μs
IS
Supply Current
811
mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: A heat sink may be required when the output is shorted indefinitely.
Note 3: The LT1222C is guaranteed to meet specified performance from 0
°C
to 70
°C and is designed, characterized and expected to meet these extended
temperature limits, but is not tested at –40
°C and 85°C. The LT1222I is
guaranteed to meet the extended temperature limits.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 5: Slew rate is measured between
±10V on an output swing of ±12V.
Note 6: FPBW = SR/2
πVP.
Note 7: Differential Gain and Phase are tested with five amps in series.
Attenuators of 1/Gain are used as loads.
The
denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, unless otherwise specified.
The
denotes the specifications which apply over the temperature range – 55
°C ≤ TA ≤ 125°C for LT1222M, –40°C ≤ TA ≤ 85°C for
LT1222I, otherwise specifications are at TA = 25
°C. VS = ±15V, VCM = 0V, unless otherwise specified.


Similar Part No. - LT1222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1222 LINER-LT1222 Datasheet
312Kb / 12P
   500MHz Operational Amplifier
LT1222 LINER-LT1222 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
LT1222C LINER-LT1222C Datasheet
312Kb / 12P
   500MHz Operational Amplifier
LT1222CN8 LINER-LT1222CN8 Datasheet
312Kb / 12P
   500MHz Operational Amplifier
LT1222CN8 LINER-LT1222CN8 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
More results

Similar Description - LT1222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com