Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1308 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1308
Description  Single Cell High Current Micropower 600kHz Boost DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308 Datasheet(HTML) 5 Page - Linear Technology

  LT1308 Datasheet HTML 1Page - Linear Technology LT1308 Datasheet HTML 2Page - Linear Technology LT1308 Datasheet HTML 3Page - Linear Technology LT1308 Datasheet HTML 4Page - Linear Technology LT1308 Datasheet HTML 5Page - Linear Technology LT1308 Datasheet HTML 6Page - Linear Technology LT1308 Datasheet HTML 7Page - Linear Technology LT1308 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1308
PIN FUNCTIONS
SW (Pin 5): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to keep EMI down.
VIN (Pin 6): Supply Pin. Must have local bypass capacitor
right at the pin, connected directly to ground.
LBI (Pin 7): Low-Battery Detector Input. 200mV refer-
ence. Voltage on LBI must stay between ground and
700mV. Low-battery detector does not function with
SHDN pin grounded. If not used, float LBI pin.
LBO (Pin 8): Low-Battery Detector Output. Open collec-
tor, can sink 10
µA. A 1MΩ pullup is recommended. LBO
is high impedance when SHDN is grounded.
BLOCK DIAGRAM
+
+
+
+
+
+
Σ
COMPARATOR
RAMP
GENERATOR
R
BIAS
VC
gm
Q2
×10
Q1
FB
FB
ENABLE
200mV
A = 3
FF
A2
A1
ERROR
AMPLIFIER
A4
0.03
DRIVER
SW
GND
1308 BD
Q3
Q
S
600kHz
OSCILLATOR
5
LBO
LBI
SHDN
SHUTDOWN
3
7
1
4
R6
40k
R5
40k
R1
(EXTERNAL)
R3
30k
R4
140k
2
VIN
VIN
VOUT
6
8
R2
(EXTERNAL)
LAYOUT HINTS
The LT1308 switches current at high speed, mandating
careful attention to layout for proper performance.
You will
not get advertised performance with careless layouts.
Figure 2 shows recommended component placement.
Follow this closely in your PC layout. Note the direct path
of the switching loops. Input capacitor CIN must be placed
close (< 5mm) to the IC package. As little as 10mm of wire
or PC trace from CIN to VIN will cause problems such as
inability to regulate or oscillation. A 10
µF ceramic bypass
capacitor is the only input capacitance required
provided
the battery has a low inductance path to the circuit. The
battery itself provides the bulk capacitance the device
requires for proper operation. If the battery is located some
APPLICATIONS INFORMATION
Figure 2. Recommended Component Placement. Traces
Carrying High Current Are Direct. Trace Area at FB Pin and VC
Pin is Kept Low. Lead Length to Battery Should Be Kept Short.
Ground Plane Should Be Placed Under All Components
1
2
3
4
8
7
6
5
L
CIN
COUT
D
LT1308
VOUT
VIN
GND
MULTIPLE
VIAs
GROUND PLANE
1308 F02


Similar Part No. - LT1308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308ACF LINER-LT1308ACF Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308ACF LINER-LT1308ACF Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
More results

Similar Description - LT1308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3443 LINER-LTC3443_15 Datasheet
233Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com