Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1151 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1151
Description  Dual 15V Zero-Drift Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1151 Datasheet(HTML) 3 Page - Linear Technology

  LTC1151 Datasheet HTML 1Page - Linear Technology LTC1151 Datasheet HTML 2Page - Linear Technology LTC1151 Datasheet HTML 3Page - Linear Technology LTC1151 Datasheet HTML 4Page - Linear Technology LTC1151 Datasheet HTML 5Page - Linear Technology LTC1151 Datasheet HTML 6Page - Linear Technology LTC1151 Datasheet HTML 7Page - Linear Technology LTC1151 Datasheet HTML 8Page - Linear Technology LTC1151 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1151
1151fa
ELECTRICAL C
C
HARA TERISTICS
LTC1151C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Output Voltage Swing
RL = 10k, TA = 25°C
±13.5
±14.50
V
RL = 10k
+10.5/–13.5
V
RL = 100k
±14.95
V
Slew Rate
RL = 10k, CL = 50pF
2.5
V/
µs
Gain-Bandwidth Product
2
MHz
Supply Current per Amplifier
No Load, TA = 25°C
0.9
1.5
mA
No Load
2.0
mA
Internal Sampling Frequency
1000
Hz
Input Offset Voltage
TA = 25°C (Note 3)
±0.05
±5
µV
Average Input Offset Drift
(Note 3)
±0.01
±0.05
µV/°C
Long Term Offset Voltage Drift
50
nV/
√mo
Input Offset Current
TA = 25°C
±10
100
pA
Input Bias Current
TA = 25°C
±550
pA
Input Noise Voltage
RS = 100Ω, 0.1Hz to 10Hz
2.0
µVP-P
RS = 100Ω, 0.1Hz to 1Hz
0.7
µVP-P
Input Noise Current
f = 10Hz (Note 4)
1.3
fA/
√Hz
Input Voltage Range
Positive
2.7
3.2
V
Negative
0
– 0.3
V
Common Mode Rejection Ratio
VCM = 0V to 2.7V
110
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±16V
110
130
dB
Large-Signal Voltage Gain
RL = 10k, VOUT = 0.3V to 4.5V
115
140
dB
Maximum Output Voltage Swing
RL = 10k to GND
4.85
V
RL = 100k to GND
4.97
V
Slew Rate
RL = 10k, CL = 50pF
1.5
V/
µs
Gain Bandwidth Product
1.5
MHz
Supply Current per Amplifier
No Load, TA = 25°C
0.5
1.0
mA
1.5
mA
Internal Sampling Frequency
750
Hz
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Connecting any terminal to voltages greater than V+ or less than V
may cause destructive latch-up. It is recommended that no sources
operating from external supplies be applied prior to power-up of the
LTC1151.
Note 3: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic test
systems. VOS is measured to a limit determined by test equipment
capability.
Note 4: Current Noise is calculated from the formula:
IN = √(2q • Ib)
where q = 1.6
× 10–19 Coulomb.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, unless otherwise specified.
The
denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VS
= 5V, unless otherwise specified.


Similar Part No. - LTC1151

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151 Datasheet
177Kb / 12P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151C LINER-LTC1151C Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151CN8 LINER-LTC1151CN8 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151CN8 LINER-LTC1151CN8 Datasheet
177Kb / 12P
   Dual 짹15V Zero-Drift Operational Amplifier
More results

Similar Description - LTC1151

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_05 Datasheet
177Kb / 12P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com