Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1250 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1250
Description  Very Low Noise Zero-Drift Bridge Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1250 Datasheet(HTML) 2 Page - Linear Technology

  LTC1250 Datasheet HTML 1Page - Linear Technology LTC1250 Datasheet HTML 2Page - Linear Technology LTC1250 Datasheet HTML 3Page - Linear Technology LTC1250 Datasheet HTML 4Page - Linear Technology LTC1250 Datasheet HTML 5Page - Linear Technology LTC1250 Datasheet HTML 6Page - Linear Technology LTC1250 Datasheet HTML 7Page - Linear Technology LTC1250 Datasheet HTML 8Page - Linear Technology LTC1250 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1250
2
1250fb
ABSOLUTE
AXI U
RATI GS (Note 1)
Total Supply Voltage (V+ to V ) ............................. 18V
Input Voltage ........................ (V + + 0.3V) to (V – 0.3V)
Output Short Circuit Duration ......................... Indefinite
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300°C
PACKAGE/ORDER I FOR ATIO
LTC1250M
LTC1250C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C (Note 2)
±5
±10
±5
±10
µV
∆VOS
Average Input Offset Drift
(Note 2)
±0.01
±0.05
±0.01
±0.05
µV/°C
Long Term Offset Drift
50
50
nV/√Mo
en
Input Noise Voltage (Note 3)
TA = 25°C, 0.1Hz to 10Hz
0.75
1.0
0.75
1.0
µVP-P
TA = 25°C, 0.1Hz to 1Hz
0.2
0.2
µVP-P
in
Input Noise Current
f = 10Hz
4.0
4.0
fA/√Hz
IB
Input Bias Current
TA = 25°C (Note 4)
±50
±150
±50
±200
pA
±950
±450
pA
IOS
Input Offset Current
TA = 25°C (Note 4)
±100
±300
±100
±400
pA
±500
±500
pA
CMRR
Common Mode Rejection Ratio
VCM = – 4V to 3V
110
130
110
130
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
115
130
115
130
dB
AVOL
Large-Signal Voltage Gain
RL = 10k, VOUT = ±4V
125
170
125
170
dB
Maximum Output Voltage Swing
RL = 1k
±4.0 4.3/–4.7
±4.0 4.3 /–4.7
V
RL = 100k
±4.92
±4.95
V
SR
Slew Rate
RL = 10k, CL = 50pF
10
10
V/µs
GBW
Gain-Bandwidth Product
1.5
1.5
MHz
IS
Supply Current
No Load, TA = 25°C
3.0
4.0
3.0
4.0
mA
7.0
5.0
mA
Operating Temperature Range
LTC1250M (OBSOLETE) ............ –55°C to 125°C
LTC1250C .......................................... 0°C TO 70°C
1
2
3
4
8
7
6
5
TOP VIEW
NC
–IN
+IN
V
NC
V+
OUT
NC
N8 PACKAGE
8-LEAD PLASTIC DIP
ORDER PART
NUMBER
LTC1250CN8
TJMAX = 110°C, θJA = 130°CW
OBSOLETE PACKAGE
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 150°C, θJA = 100°CW (J8)
LTC1250MJ8
LTC1250CJ8
ORDER PART
NUMBER
LTC1250CS8
TJMAX = 110°C, θJA = 200°CW
S8 PART MARKING
1250
Consider the N8 or S8 for Alternative Source
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, VIN = ±5V, otherwise specifications are at TA = 25°C.
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
NC
–IN
+IN
V
NC
V+
OUT
NC


Similar Part No. - LTC1250

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1250 LINER-LTC1250 Datasheet
258Kb / 8P
   Very Low Noise Zero-Drift Bridge Amplifier
LTC1250 LINER-LTC1250 Datasheet
175Kb / 12P
   Very Low Noise Zero-Drift Bridge Amplifier
LTC1250C LINER-LTC1250C Datasheet
258Kb / 8P
   Very Low Noise Zero-Drift Bridge Amplifier
LTC1250CJ8 LINER-LTC1250CJ8 Datasheet
258Kb / 8P
   Very Low Noise Zero-Drift Bridge Amplifier
LTC1250CJ8 LINER-LTC1250CJ8 Datasheet
175Kb / 12P
   Very Low Noise Zero-Drift Bridge Amplifier
More results

Similar Description - LTC1250

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1250 LINER-LTC1250_05 Datasheet
175Kb / 12P
   Very Low Noise Zero-Drift Bridge Amplifier
LTC1250 LINER-LTC1250 Datasheet
258Kb / 8P
   Very Low Noise Zero-Drift Bridge Amplifier
logo
Analog Devices
LTC2058 AD-LTC2058 Datasheet
1Mb / 28P
   36V, Low Noise Zero-Drift Operational Amplifier
logo
Linear Technology
LTC2057 LINER-LTC2057 Datasheet
1Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057 LINER-LTC2057_15 Datasheet
1Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057HV LINER-LTC2057HV_15 Datasheet
1Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Linear Dimensions Semic...
LTC2057 LINEAR_DIMENSIONS-LTC2057 Datasheet
4Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Texas Instruments
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift Precision
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
   Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
NCS333 ONSEMI-NCS333_16 Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com