Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2792AGR Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PA2792AGR
Description  SWITCHING N- AND P-CHANNEL POWER MOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA2792AGR Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PA2792AGR_15 Datasheet HTML 5Page - Renesas Technology Corp PA2792AGR_15 Datasheet HTML 6Page - Renesas Technology Corp PA2792AGR_15 Datasheet HTML 7Page - Renesas Technology Corp PA2792AGR_15 Datasheet HTML 8Page - Renesas Technology Corp PA2792AGR_15 Datasheet HTML 9Page - Renesas Technology Corp PA2792AGR_15 Datasheet HTML 10Page - Renesas Technology Corp PA2792AGR_15 Datasheet HTML 11Page - Renesas Technology Corp PA2792AGR_15 Datasheet HTML 12Page - Renesas Technology Corp PA2792AGR_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet G19920EJ1V0DS
7
μ PA2792AGR
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
10
20
30
-50
0
50
100
150
10 V
VGS = 4.5 V
ID = 5 A
Pulsed
Tch - Channel Temperature -
°C
100
1000
10000
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
tr
td(off)
td(on)
tf
VDD = 15 V
VGS = 10 V
RG = 0
Ω
ID - Drain Current - A
0
10
20
30
0
1020
3040
50
0
4
8
12
VDS
ID = 10 A
VGS
VDD = 24 V
15 V
6 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
0.1
1
10
100
0
0.5
1
1.5
10 V
0 V
Pulsed
VGS = 4.5 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
0.1
1
10
100
di/dt = 100 A/
μs
VGS = 0 V
IF - Diode Forward Current - A


Similar Part No. - PA2792AGR_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA2793AGR RENESAS-PA2793AGR_15 Datasheet
349Kb / 14P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
PA2794AGR RENESAS-PA2794AGR_15 Datasheet
350Kb / 14P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
More results

Similar Description - PA2792AGR_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA2794AGR RENESAS-PA2794AGR_15 Datasheet
350Kb / 14P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
NEC
UPA1793 NEC-UPA1793 Datasheet
118Kb / 12P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
UPA2790GR NEC-UPA2790GR Datasheet
198Kb / 11P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
PA2793AGR RENESAS-PA2793AGR_15 Datasheet
349Kb / 14P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
NEC
UPA1792 NEC-UPA1792 Datasheet
104Kb / 7P
   SWITCHING N- AND P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1790 NEC-UPA1790 Datasheet
53Kb / 8P
   SWITCHING N-AND P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA2791GR NEC-UPA2791GR Datasheet
248Kb / 12P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R Datasheet
146Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_16 Datasheet
257Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3019R RENESAS-HAT3019R Datasheet
535Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com