Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1263 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1263
Description  12V, 60mA Flash Memory Programming Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1263 Datasheet(HTML) 6 Page - Linear Technology

  LTC1263 Datasheet HTML 1Page - Linear Technology LTC1263 Datasheet HTML 2Page - Linear Technology LTC1263 Datasheet HTML 3Page - Linear Technology LTC1263 Datasheet HTML 4Page - Linear Technology LTC1263 Datasheet HTML 5Page - Linear Technology LTC1263 Datasheet HTML 6Page - Linear Technology LTC1263 Datasheet HTML 7Page - Linear Technology LTC1263 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1263
APPLICATIONS INFORMATION
desired. (The LTC1263 does not require a 0.1
µF capacitor
between VCC and VOUT for stability.)
Besides using it to program flash memories, the LTC1263
can also provide multiple supply voltages with the help of
two diodes and two capacitors. Output voltages of 19V and
– 7V can easily be obtained. In other words, the LTC1263
can power dual supply (
±5V) and single supply (15V) op
amps.
TYPICAL APPLICATIONS
Dual Voltage Supply Output at 12V and 19V
1
2
3
4
8
7
6
5
SHDN
GND
VOUT
VCC
C1
C1+
C2
C2+
LTC1263
0.47
µF
0.47
µF
LTC1263 • TA04
10
µF
10
µF
VCC
4.75V TO 5.5V
1
µF
VOUT = 12V
V+ = 19V**
1
µF
1N4148*
IN4148*
*
**
FOR LOWER VOLTAGE DROP, USE SCHOTTKY DIODES
MUST PULL MORE CURRENT OUT OF VOUT THAN V
+
Dual Supply Voltage Output at 12V and – 7V
1
2
3
4
8
7
6
5
SHDN
GND
VOUT
VCC
C1
C1+
C2
C2+
LTC1263
0.47
µF
0.47
µF
*
**
1
µF
LTC1263 • TA05
10
µF
10
µF
VCC
4.75V TO 5.5V
VOUT = 12V
V= –7V**
1
µF
IN4148*
1N4148*
FOR LOWER VOLTAGE DROP, USE SCHOTTKY DIODES
MUST PULL MORE CURRENT OUT OF VOUT THAN V
1
2
3
4
8
7
6
5
SHDN
GND
VOUT
VCC
C1
C1+
C2
C2+
LTC1263
0.47
µF
0.47
µF
1
µF
LTC1263 • TA06
10
µF
10
µF
VCC
4.75V TO 5.5V
VOUT = 12V
10k
90.1k
(VIN)(10)
LT1006
1
µF
1N4148*
1N4148*
VIN
2
3
7
4
6
(12V)
(–7V)**
*
**
FOR LOWER VOLTAGE DROP, USE SCHOTTKY DIODES
MUST PULL MORE CURRENT OUT OF VOUT THAN V
Gain of 10 Amplifier Using LT®1006 Powered by LTC1263


Similar Part No. - LTC1263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
More results

Similar Description - LTC1263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
   12V, 30mA Flash Memory Programming Supply
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
   12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
   12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
   12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
   12,120mA Flash Memory Programming Supply
Rev 2; 1/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com