Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1324 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1324
Description  Single Supply LocalTalk Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1324 Datasheet(HTML) 8 Page - Linear Technology

  LTC1324_15 Datasheet HTML 1Page - Linear Technology LTC1324_15 Datasheet HTML 2Page - Linear Technology LTC1324_15 Datasheet HTML 3Page - Linear Technology LTC1324_15 Datasheet HTML 4Page - Linear Technology LTC1324_15 Datasheet HTML 5Page - Linear Technology LTC1324_15 Datasheet HTML 6Page - Linear Technology LTC1324_15 Datasheet HTML 7Page - Linear Technology LTC1324_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC1324
8
1324fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1995
LT 0111 REV A • PRINTED IN USA
RELATED PARTS
PACKAGE DESCRIPTION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1318
Single 5V Powered RS232/RS422 Transceiver
Pin Selectable RS232/RS422 Receiver. Available in 24-Pin SO Wide Package
LTC1320
RS422/RS562 Transceiver
Available in 18-Pin SO Wide Package
LTC1323
Single 5V Powered RS422/RS562 Transceiver
Available in 16-Pin and 24-Pin SO Wide Packages
APPLICATIONS INFORMATION
1324 F10
Figure 10. High Slew Rate Mode
1324 F11
Figure 11. Low Slew Rate Mode
Dimensions in inches (millimeters) unless otherwise noted.
N Package
16-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
N16 0694
0.255 ± 0.015*
(6.477 ± 0.381)
0.770*
(19.558)
MAX
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130 ± 0.005
(3.302 ± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018 ± 0.003
(0.457 ± 0.076)
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTURSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm).
SOL16 0392
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
NOTE 1
0.398 – 0.413
(10.109 – 10.490)
(NOTE 2)
16
15
14
13
12
11
10
9
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0 – 8 TYP
NOTE 1
0.005
(0.127)
RAD MIN
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
(NOTE 2)
× 45°
0.010 – 0.029
(0.254 – 0.737)
2. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
SW Package
16-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)


Similar Part No. - LTC1324_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1324CN LINER-LTC1324CN Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1324CSW LINER-LTC1324CSW Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
More results

Similar Description - LTC1324_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1324 LINER-LTC1324 Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
National Semiconductor ...
DS8925 NSC-DS8925 Datasheet
311Kb / 16P
   LocalTalk??Dual Driver/Triple Receiver
DS8935 NSC-DS8935 Datasheet
172Kb / 12P
   LocalTalk??Dual Driver/Triple Receiver
logo
Microchip Technology
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com