Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1318 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1318
Description  DCE Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1318 Datasheet(HTML) 3 Page - Linear Technology

  LTC1318 Datasheet HTML 1Page - Linear Technology LTC1318 Datasheet HTML 2Page - Linear Technology LTC1318 Datasheet HTML 3Page - Linear Technology LTC1318 Datasheet HTML 4Page - Linear Technology LTC1318 Datasheet HTML 5Page - Linear Technology LTC1318 Datasheet HTML 6Page - Linear Technology LTC1318 Datasheet HTML 7Page - Linear Technology LTC1318 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1318
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Receiver
VTH
Differential Receiver Threshold
q
– 0.2
0.2
V
CMR
Common-Mode Input Range
q
–7
7
V
Hysteresis
VCM = OV
q
30
mV
RIN
Input Resistance
TA = 25
°C
357
k
VOL
Output Low Voltage
IOUT = –1.6mA
0.4
V
VOH
Output High Voltage
IOUT = 160µA, VCC = 5V
q
3.5
V
IOSS
Short-Circuit Output Current
VO = GND or VCC
q
±7
±85
mA
Single-Ended Receiver
VL
Input Voltage Low Threshold
q
0.8
1.4
V
VIH
Input Voltage High Threshold
q
1.8
2.4
V
Hysteresis
q
0.1
0.4
1.0
V
RIN
Input Resistance
TA = 25
°C
357
k
VOL
Output Low Voltage
IOUT = –4mA
q
0.2
0.4
V
VOH
Output High Voltage
IOUT = 4mA, VCC = 5V
q
3.5
4.8
– V
IOSS
Short-Circuit Output Current
VO = GND or VCC
q
±7
±85
mA
VILRXM
RXMODE Input Low Voltage
q
0.8
1.6
V
VIHRXM
RXMODE Input High Voltage
q
1.6
2.0
V
IINRXM
RXMODE Input Current
VIN = OV or VCC
q
±2
µA
Switching Characteristics
tPLH,HL
Differential Driver Propagation Delay
RL = 100Ω, CL = 100pF (Figures 2,3)
q
35
100
ns
tSKEW
Differential Driver Output to Output
RL = 100Ω, CL = 100pF (Figures 2,3)
q
535
ns
tR,F
Differential Driver Rise, Fall Time
RL = 100Ω, CL = 100pF (Figures 2,3)
q
15
50
ns
tPLH,HL
Differential Receiver Propagation Delay
CL = 15pF, (Figures 4)
q
110
200
ns
tSEL
Receiver Mode Switching Time
q
25
100
ns
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: All currents into device pins are negative, all currents out of device
pins are positive. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given at VCC = 5V, TA = 25°C.
VS = 5V ±5%, C1 = C2 = 0.1µF, TA = 0°C to 70°C, unless otherwise specified. (Notes 2, 3)


Similar Part No. - LTC1318

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC1318CSW LINER-LTC1318CSW Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
More results

Similar Description - LTC1318

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
   Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
   Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com