Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1329-50 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1329-50
Description  Micropower 8-Bit Current Output D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1329-50 Datasheet(HTML) 4 Page - Linear Technology

  LTC1329-50_15 Datasheet HTML 1Page - Linear Technology LTC1329-50_15 Datasheet HTML 2Page - Linear Technology LTC1329-50_15 Datasheet HTML 3Page - Linear Technology LTC1329-50_15 Datasheet HTML 4Page - Linear Technology LTC1329-50_15 Datasheet HTML 5Page - Linear Technology LTC1329-50_15 Datasheet HTML 6Page - Linear Technology LTC1329-50_15 Datasheet HTML 7Page - Linear Technology LTC1329-50_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1329-10/
LTC1329-50/LTC1329A-50
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
0
3
2
1
0
–1
–2
–3
30
50
1329 G05
10
20
40
60
70
VCC = 3.3V
V(IOUT) = 0.45V
LTC1329-50
LTC1329-10
CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
64
128
160
1329 • TPC04
32
96
192 224
256
TA = 25°C
VCC = 3.3V
V(IOUT) = 0.45V
LTC1329-10/LTC1329-50 Full-
Scale Current vs Temperature
SUPPLY VOLTAGE (V)
0
2
1
0
–1
–2
35
1329 G06
12
46
7
TA = 25°C
V(IOUT) = 0.45V
LTC1329-50
LTC1329-10
LTC1329-10/LTC1329-50
Supply Voltage Rejection
LTC1329-50 INL vs Code
PIN FUNCTIONS
IOUT (Pin 1): DAC Current Output. In 3.3V or 5V systems,
the DAC current output can be biased from – 15V to 2V or
– 15V to 2.5V respectively.
VCC (Pin 2): Voltage Supply (2.7V ≤ VCC ≤ 6.5V). This
supply must be kept free from noise and ripple by bypass-
ing directly to the ground plane.
SHDN (Pin 3): Shutdown. A logic low puts the chip
into Shutdown mode. The digital setting for the DAC is
retained.
CLK (Pin 4): Shift Clock. This clock synchronizes the serial
data in 3-wire mode. This pin has a Schmitt trigger input.
CS (Pin 5): Chip Select Input. In 3-wire mode, a logic low
on this CS pin enables the LTC1329. Upon power-up, a
logic high at CS puts the chip into pulse mode. If CS ever
goes low, the chip is configured in 3-wire mode until the
next power is cycled.
GND (Pin 6): Ground. Ground should be tied directly to a
ground plane.
DIN (UP/DN)(Pin 7): Data Input. In 3-wire mode, the DAC
data is shifted into DIN on the rising edge of CLK. In pulse
mode, upon power-up a logic high at DIN puts the counter
into increment-only mode. If DIN ever goes low, the
IOUT BIAS VOLTAGE (V)
–15
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–6
0
1329 G07
–12
–9
–3
3
6
TA = 25°C
VCC = 3.3V
LTC1329-50
LTC1329-10
LTC1329-10/LTC1329-50
Bias Voltage Rejection
(Full-Scale Current)
IOUT BIAS VOLTAGE (V)
–15
50
40
30
20
10
0
–10
–20
–30
–40
–50
–6
0
1329 G08
–12
–9
–3
3
6
LTC1329-10
LTC1329-50
LTC1329-10/LTC1329-50
Bias Voltage Rejection
(Zero-Scale Current)
SUPPLY VOLTAGE (V)
2.7
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
3.7
4.7
5.2
1329 • TPC09
3.2
4.2
5.7
6.2
6.7
TA = 25°C
IOUT = FULL-SCALE CURRENT
Maximum IOUT Bias Voltage
vs Supply Voltage


Similar Part No. - LTC1329-50_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329-50 LINER-LTC1329-50 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-50 AD-LTC1329-50 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
More results

Similar Description - LTC1329-50_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1428-50 LINER-LTC1428-50_15 Datasheet
221Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC100 AD-DAC100 Datasheet
178Kb / 5P
   10-Bit Current output D to A Converter
logo
Sipex Corporation
SP8527 SIPEX-SP8527 Datasheet
180Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com