Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F005006 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # F005006
Description  FireWire IEEE 1394 Cable (6pin-6pin M-M) 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

F005006 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  F005006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved F005006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHYSICAL
Color
Black
CONNECTIONS
Connector A
6 PIN (MALE)
Connector B
6 PIN (MALE)
SPECIAL FEATURES
Chromebook Compatible
No
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - F005006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
F005015 TRIPPLITE-F005015 Datasheet
472Kb / 2P
   FireWire IEEE 1394 Cable (6pin-6pin M-M) 15-ft
More results

Similar Description - F005006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
F005-015 TRIPPLITE-F005-015 Datasheet
154Kb / 2P
   FireWire IEEE 1394 Cable (6pin/6pin M/M) 15-ft.
F005015 TRIPPLITE-F005015 Datasheet
472Kb / 2P
   FireWire IEEE 1394 Cable (6pin-6pin M-M) 15-ft
F005-006 TRIPPLITE-F005-006 Datasheet
479Kb / 4P
   FireWire IEEE 1394 Cable (6pin/6pin) 6-ft
F007006 TRIPPLITE-F007006 Datasheet
472Kb / 2P
   FireWire IEEE 1394 Cable (6pin-4pin M-M) 6-ft.
F007003 TRIPPLITE-F007003 Datasheet
471Kb / 2P
   FireWire IEEE 1394 Cable (6pin/4pin M-M) 3-ft
F007015 TRIPPLITE-F007015 Datasheet
470Kb / 2P
   FireWire IEEE 1394 Cable (6pin-4pin M-M) 15-ft
F017-006 TRIPPLITE-F017-006 Datasheet
158Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 6-ft.
F017006 TRIPPLITE-F017006 Datasheet
486Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 6-ft
F017010 TRIPPLITE-F017010 Datasheet
486Kb / 2P
   FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 10-ft
F009006 TRIPPLITE-F009006 Datasheet
474Kb / 2P
   FireWire IEEE 1394 Cable (4pin-4pin M-M) 6-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com