Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-010245-CT1160 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-010245-CT1160
Description  1:1 Transmission Line Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-010245-CT1160 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABA-010245-CT1160_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-010245-CT1160_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-010245-CT1160_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-010245-CT1160_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
1:1 Transmission Line Transformer
46 to 1002 MHz
Rev. V3
MABA-010245-CT1160
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves: TA = 25°C, 0dBm, Z0 = 75Ω, Pin = 0dBm


Similar Part No. - MABA-010245-CT1160_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010245-CT1160-V3 MA-COM-MABA-010245-CT1160-V3 Datasheet
828Kb / 4P
   1:1 Transmission Line Transformer
More results

Similar Description - MABA-010245-CT1160_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
   Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
   Transformer, 1:1 Transmission Line Transformer
MABA-010245-CT1160-V3 MA-COM-MABA-010245-CT1160-V3 Datasheet
828Kb / 4P
   1:1 Transmission Line Transformer
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
   1:1 Transmission Line Transformer
MABACT0059_V4 MA-COM-MABACT0059_V4 Datasheet
123Kb / 4P
   1:1 Transmission Line Transformer
MABACT0040 MA-COM-MABACT0040_15 Datasheet
88Kb / 3P
   1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059_15 Datasheet
520Kb / 4P
   1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com