Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-011007 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-011007
Description  40-bit Serial to Parallel Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-011007 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADR-011007_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-011007_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-011007_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-011007_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-011007_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
40-bit Serial to Parallel Driver for GaAs FETs
Rev. V1
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
MADR-011007
Serial Bit Stream Definition7
Bit No.
Bit Function
Bit No.
Bit Function
1
RX2-phase 1
21
TX-phase 1-A
2
RX2-phase 2
22
TX-phase 1-B
3
RX2-phase 3
23
TX-phase 2-A
4
RX2-phase 4
24
TX-phase 2-B
5
RX2-phase 5
25
TX-phase 3-A
6
RX2-phase 6
26
TX-phase 3-B
7
RX2-atten 1
27
TX-phase 4-A
8
RX2-atten 2
28
TX-phase 4-B
9
RX2-atten 3
29
TX-phase 5-A
10
RX2-atten 4
30
TX-phase 5-B
11
RX1-phase 1
31
TX-phase 6-A
12
RX1-phase 2
32
TX-phase 6-B
13
RX1-phase 3
33
TX-atten 1-A
14
RX1-phase 4
34
TX-atten 1-B
15
RX1-phase 5
35
TX-atten 2-A
16
RX1-phase 6
36
TX-atten 2-B
17
RX1-atten 1
37
TX-atten 3-A
18
RX1-atten 2
38
TX-atten 3-B
19
RX1-atten 3
39
TX-atten 4-A
20
RX1-atten 4
40
TX-atten 4-B
7. Bit No. 1 should be the first bit going into the serial interface.
Function Diagram
SNGL_DUAL
Vertical Beam Bits
L
H
TX_STATE
L8
A9
B9
H8
A
A
SNGL_DUAL
Horizontal Beam Bits
L
H
TX_STATE
L
B
A
H
B
B
TX Mux Truth Table
8. For VEE = -5 V, Logic ―L‖ = -5 V, and Logic ―H‖ = 0 V.
9. ―A‖ represents odd bits of the 20-bit TX bit stream, and ―B‖
represents even bits of the 20-bit TX bit stream.
40-bit
Shift Reg.
SERIAL IN
CLK
40-bit
Latch
40 bits
LOAD
Last 20 bits
First 20 bits
20-bit
Mux
10 TX bits
10 TX bits
20-bit
Driver
10-bit
Driver
10-bit
Driver
RX Outputs
20 RX bits
10 TX bits
10 TX bits
TX Horizontal
Outputs
TX Vertical
Outputs
Note:
Both shift registers and latches are
positive edge triggered.
SERIAL OUT
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.


Similar Part No. - MADR-011007_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-011007 MA-COM-MADR-011007 Datasheet
637Kb / 5P
   40-bit Serial to Parallel Driver for GaAs FETs
More results

Similar Description - MADR-011007_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-011007 MA-COM-MADR-011007 Datasheet
637Kb / 5P
   40-bit Serial to Parallel Driver for GaAs FETs
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Hittite Microwave Corpo...
HMC677G32 HITTITE-HMC677G32 Datasheet
871Kb / 8P
   6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
HMC677LP5 HITTITE-HMC677LP5_10 Datasheet
957Kb / 8P
   6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
logo
Rohm
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
logo
Hittite Microwave Corpo...
HMC677LP5 HITTITE-HMC677LP5 Datasheet
218Kb / 8P
   6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com