Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFM220M Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KFM220M
Description  SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR KOREAN PCS IF STAGE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KFM220M Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KFM220M Datasheet HTML 1Page - KEC(Korea Electronics) KFM220M Datasheet HTML 2Page - KEC(Korea Electronics) KFM220M Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KFM220M
2/3
2001. 12. 14
Revision No : 1
R
Circular Index Mark
S
E S
50 Ohm
R L
50 Ohm
1
L
L
2
C1
C1
12
11
1
2
3
9
8
7
10
4
5
6
RS
E S
50 Ohm
R
1 : 10
L
500 Ohm
500 Ohm
1
L
L
2
C1
C2
C3
12
11
1
2
3
9
8
7
10
4
5
6
Circular Index Mark
L1=100nH (Q1>60)
,
C1=36pF.
L2=100nH (Q2>60)
,
C2=36pF.
Matching Circuit (50 ohm single ended source / 50 ohm single ended load)
TEST CIRCUIT
Matching Circuit (50 ohm single ended source / 500 ohm balanced load)
L1=100nH (Q1>60)
,
C1=36pF.
L2=100nH (Q2>60)
,
C2=2.4pF
C3=2.4pF.


Similar Part No. - KFM220M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
KFM20100C-D2 PACELEADER-KFM20100C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM20150C-D2 PACELEADER-KFM20150C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM20200C-D2 PACELEADER-KFM20200C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM2020C-D2 PACELEADER-KFM2020C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM2030C-D2 PACELEADER-KFM2030C-D2 Datasheet
328Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - KFM220M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KFM210M KEC-KFM210M Datasheet
161Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR US PCS IF STAGE)
KFM85M KEC-KFM85M Datasheet
266Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR CDMA IF STAGE)
KFM110 KEC-KFM110 Datasheet
67Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THR IF CIRCUITS OF CORDLESS PHONE)
KF942FU KEC-KF942FU Datasheet
142Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF947FU KEC-KF947FU Datasheet
246Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RX OF EGSM)
KF402BS KEC-KF402BS Datasheet
397Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF902FU KEC-KF902FU Datasheet
247Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF GSM)
KF402B KEC-KF402B Datasheet
177Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
logo
OKI electronic componet...
MBF9402B OKI-MBF9402B Datasheet
37Kb / 5P
   SAW Band Pass Filter for US-PCS
logo
KEC(Korea Electronics)
KF836FU KEC-KF836FU Datasheet
443Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com