Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV20W Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BAV20W
Description  SOD-123
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAV20W Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BAV20W Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAV20W Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
2.70
3.70
SOD-123
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
Features
Characteristic
Symbol
BAV19W
BAV20W
BAV21W
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current (Note 1)
IFM
400
mA
Average Rectified Output Current (Note 1)
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
500
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that electrodes are kept at ambient temperature.
2. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Maximum Forward Voltage (Note 2)
VFM
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Maximum Peak Reverse Current
@ Rated DC Blocking Voltage(Note 2)
IRM
¾
100
15
nA
mA
Tj = 25°C
Tj = 100°C
Junction Capacitance
Cj
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100
Electrical Characteristics @ TA = 25°C unless otherwise specified
BAV19W-21W
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BAV20W

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BAV20W DGNJDZ-BAV20W Datasheet
590Kb / 1P
   FAST SWITCHING DIODE
logo
Pan Jit International I...
BAV20W PANJIT-BAV20W Datasheet
54Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Guangdong Juxing Electr...
BAV20W JUXING-BAV20W Datasheet
828Kb / 3P
   High Voltage Switching Diode
logo
Rectron Semiconductor
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
logo
Continental Device Indi...
BAV20W CDIL-BAV20W Datasheet
306Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAV20W

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
1N6263W WINNERJOIN-1N6263W_15 Datasheet
96Kb / 2P
   SOD-123
1N5711W WINNERJOIN-1N5711W_15 Datasheet
95Kb / 2P
   SOD-123
BAV16W WINNERJOIN-BAV16W_15 Datasheet
164Kb / 2P
   SOD-123
BAT46W WINNERJOIN-BAT46W_15 Datasheet
102Kb / 2P
   SOD-123
logo
Continental Device Indi...
SOD-123 CDIL-SOD-123 Datasheet
176Kb / 3P
   SOD-123 SMD Plastic Package
logo
Jiangsu High diode Semi...
BZT52B-SOD123 HDSEMI-BZT52B-SOD123 Datasheet
1Mb / 5P
   SOD 123 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
BAT43W UNSEMI-BAT43W Datasheet
2Mb / 4P
   SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
logo
Jiangsu High diode Semi...
1N4448WT5 HDSEMI-1N4448WT5 Datasheet
1Mb / 5P
   SOD-123 Plastic-Encapsulate Diodes
1N4148W HDSEMI-1N4148W Datasheet
1Mb / 5P
   SOD-123 Plastic-Encapsulate Diodes
1N5819W HDSEMI-1N5819W Datasheet
1Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com