Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C4V7 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZT52C4V7
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZT52C4V7 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZT52C4V7 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C4V7 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C4V7 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C4V7 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
500mW SOD-123 SURFACE MOUNT
Flat Lead Surface Mount Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±5% (C Series)
Flat Lead SOD-123 Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min No
m
Max
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(μA)
Max
VR
(Volts)
BZT52C2V4
2V4Z
2.28
2.4
2.52
5
100
1
564
45
1
BZT52C2V7
2V7Z
2.57
2.7
2.84
5
100
1
564
18
1
BZT52C3V0
3V0Z
2.85
3.0
3.15
5
100
1
564
9
1
BZT52C3V3
3V3Z
3.14
3.3
3.47
5
95
1
564
4.5
1
BZT52C3V6
3V6Z
3.42
3.6
3.78
5
90
1
564
4.5
1
BZT52C3V9
3V9Z
3.71
3.9
4.10
5
90
1
564
2.7
1
BZT52C4V3
4V3Z
4.09
4.3
4.52
5
90
1
564
2.7
1
BZT52C4V7
4V7Z
4.47
4.7
4.94
5
80
1
470
2.7
2
BZT52C5V1
5V1Z
4.85
5.1
5.36
5
60
1
451
1.8
2
BZT52C5V6
5V6Z
5.32
5.6
5.88
5
40
1
376
0.9
2
BZT52C6V2
6V2Z
5.89
6.2
6.51
5
10
1
141
2.7
4
BZT52C6V8
6V8Z
6.46
6.8
7.14
5
15
1
75
1.8
4
BZT52C7V5
7V5Z
7.11
7.5
7.86
5
15
1
75
0.9
5
BZT52C8V2
8V2Z
7.79
8.2
8.61
5
15
1
75
0.63
5
BZT52C9V1
9V1Z
8.65
9.1
9.56
5
15
1
94
0.45
6
BZT52C10V
10VZ
9.50
10
10.50
5
20
1
141
0.18
7
BZT52C11V
11VZ
10.45
11
11.55
5
20
1
141
0.09
8
BZT52C12V
12VZ
11.40
12
12.60
5
25
1
141
0.09
8
BZT52C13V
13VZ
12.35
13
13.65
5
30
1
160
0.09
8
BZT52C15V
15VZ
14.25
15
15.75
5
30
1
188
0.045
10.5
BZT52C16V
16VZ
15.20
16
16.80
5
40
1
188
0.045
11.2
ELECTRICAL SYMBOL
Cathode
Anode
SOD-123 Flat Lead
-
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Similar Part No. - BZT52C4V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C4V7 DIODES-BZT52C4V7 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
SHENZHEN YONGERJIA INDU...
BZT52C4V7 WINNERJOIN-BZT52C4V7 Datasheet
238Kb / 3P
   ZENER DIODE
logo
Guangdong Kexin Industr...
BZT52C4V7 KEXIN-BZT52C4V7 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZT52C4V7 VISHAY-BZT52C4V7 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Microdiode Electronics ...
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
902Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C4V7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com