Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C12V Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZT52C12V
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZT52C12V Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZT52C12V Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C12V Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C12V Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C12V Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min No
m
Max
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(μA)
Max
VR
(Volts)
BZT52C18V
18VZ
17.10
18
18.90
5
45
1
212
0.045
12.6
BZT52C20V
20VZ
19.00
20
21.00
5
55
1
212
0.045
14.0
BZT52C22V
22VZ
20.90
22
23.10
5
55
1
235
0.045
15.4
BZT52C24V
24VZ
22.80
24
25.20
5
70
1
235
0.045
16.8
BZT52C27V
27VZ
25.65
27
28.35
2
80
0.5
282
0.045
18.9
BZT52C30V
30VZ
28.50
30
31.50
2
80
0.5
282
0.045
21.0
BZT52C33V
33VZ
31.35
33
34.65
2
80
0.5
306
0.045
23.0
BZT52C36V
36VZ
34.20
36
37.80
2
90
0.5
329
0.045
25.2
BZT52C39V
39VZ
37.05
39
40.95
2
130
0.5
329
0.045
27.3
BZT52C43V
43VZ
40.85
43
45.15
2
150
0.5
353
0.045
30.1
BZT52C47V
47VZ
44.65
47
49.35
2
170
0.5
353
0.045
33.0
BZT52C51V
51VZ
48.45
51
53.55
2
180
0.5
376
0.045
35.7
BZT52C56V
56VZ
53.20
56
58.80
2
200
0.5
400
0.045
39.2
BZT52C62V
62VZ
58.90
62
65.10
2
215
0.5
423
0.045
43.4
BZT52C68V
68VZ
64.60
68
71.40
2
240
0.5
447
0.045
47.6
BZT52C75V
75VZ
71.25
75
78.75
2
255
0.5
470
0.045
52.5
VF
Forward Voltage = 900mV Maximum @ I
F
= 10 mA for all types
Notes:
1.
The Zener Voltage (V
Z
) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rm s value equal to
10% of the dc zener current (I
ZT
or I
ZK
) is superimposed to I
ZT
or I
ZK.
-
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Similar Part No. - BZT52C12V

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZT52C12V CDIL-BZT52C12V Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52C12V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com