Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-010518 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-010518
Description  2W Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-010518 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAP-010518_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-010518_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-010518_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-010518_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-010518_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-010518_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-010518_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-010518_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-010518_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2W Power Amplifier
17.7 - 19.7 GHz
Rev. V1
MAAP-010518
5
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
5


Similar Part No. - MAAP-010518_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
   2W Power Amplifier
More results

Similar Description - MAAP-010518_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
   2W Power Amplifier
logo
Tyco Electronics
MAAP-000067-PKG003 MACOM-MAAP-000067-PKG003 Datasheet
410Kb / 9P
   Amplifier, Power, 2W
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
logo
TriQuint Semiconductor
TGA4516 TRIQUINT-TGA4516_15 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
logo
SIRENZA MICRODEVICES
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
Eutech Microelectronics...
EUA4992 EUTECH-EUA4992 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
logo
Qorvo, Inc
TGA4516 QORVO-TGA4516 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
logo
TriQuint Semiconductor
TGA4516 TRIQUINT-TGA4516 Datasheet
162Kb / 8P
   Ka-Band 2W Power Amplifier
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com