Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P004003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P004003
Description  Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P004003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P004003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P004003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Computer Power Extension Cord, 10A,
18AWG (IEC-320-C14 to IEC-320-C13), 3-ft.
MODEL NUMBER: P004-003
Description
Tripp Lite's line of AC power cords offer PC users a solution to their power connectivity problems. This handy 3ft. cord can be used to extend the power cord
on any PC or device with a C14 plug; or, to connect your C14 PC or device directly to the C13 port on your PDU or UPS. Features an IEC-320-C14 to
IEC-320-C13 connection. UL listed.
Features
UL Listed
3-ft. power extension cord for your PC or device with a C14 plug
Directly connect a C14 PC or device to the C13 port on your PDU or UPS
Plug type: IEC-320-C14 (male) to IEC-320-C13 (female)
18AWG SJT, 10A, 100-250V
Specifications
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C14
Highlights
UL Listed
C13 - C14
18AWG SJT, 10A, 100-250V
Package Includes
3-ft. Universal AC Power Cord -
PC Style Male (IEC-320-C14) to
PC Style Female (IEC-320-C13)
1 / 2


Similar Part No. - P004003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P00400313A TRIPPLITE-P00400313A Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 3-ft
More results

Similar Description - P004003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004004GN TRIPPLITE-P004004GN Datasheet
480Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Green Plugs),4-ft
P00400213RA TRIPPLITE-P00400213RA Datasheet
471Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Right Angle IEC-320-C13),2-ft
P004004RD TRIPPLITE-P004004RD Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Red Plugs), 4-ft
P004004YW TRIPPLITE-P004004YW Datasheet
482Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Yellow Plugs), 4-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com