Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPSS0081 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0081
Description  ISM Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0081 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0081_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0081_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ISM Power Amplifier
2.4 - 2.5 GHz
Rev. V1
MAAPSS0081
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Ideal for 2.4 GHz Cordless Applications
• Power Set Pin for Adjustable Output Power
High Power Mode: 24 dBm, 300 mA
Low Power Mode: 16 dBm, 110 mA
• Power Gain: 23 dB Typical
• Power Enable: 2.5 V
• Micro-Amp Shutdown Current
• Operates from 1.8 V to 3.6 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAPSS0081 is a three stage power amplifier
designed
for
2.4
GHz
Cordless
Telephone
applications. The power amplifier is available in a
lead-free 3 mm 12-lead PQFN plastic package. The
MAAPSS0081 features an integrated power enable
pin (5) for accurate ramp control and a separate
power mode pin (2) for current savings in a low
power mode state.
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Pin No.
Pin Name
Description
1
RFIN
RF Input
2
VM
Power Mode
3
N/C
No Connection
4
N/C
No Connection
5
VEN
Power Enable
6
N/C
No Connection
7
RFOUT / VCC3
RF Output, 3rd Stage Supply
8
RFOUT / VCC3
RF Output, 3rd Stage Supply
9
RFOUT / VCC3
RF Output, 3rd Stage Supply
10
VCC2
2nd Stage Supply
11
PMC
Power Mode Control
12
VCC1
1st Stage Supply
Pad3
GND
RF & DC Ground
Ordering Information1,2
Part Number
Package
MAAPSS0081TR-3000
3000 piece reel
MAAPSS0081SMB
Sample Board,
2.4 - 2.5 GHz tuning
Functional Schematic
VCC1
PMC
VCC2
N/C
RFOUT /VCC3
RFIN
VM
N/C
VEN
N/C
RFOUT /VCC3
RFOUT /VCC3
1
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAAPSS0081_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0081SMB MA-COM-MAAPSS0081SMB Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
MAAPSS0081TR-3000 MA-COM-MAAPSS0081TR-3000 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
More results

Similar Description - MAAPSS0081_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
logo
TriQuint Semiconductor
TQP2420B TRIQUINT-TQP2420B Datasheet
479Kb / 10P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP2420G TRIQUINT-TQP2420G Datasheet
524Kb / 13P
   2.4GHz ISM Band InGaP HBT Power Amplifier
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ Datasheet
432Kb / 7P
   RF Power Amplifier IC for 2.4 GHz ISM
MAAPSS0093 MACOM-MAAPSS0093 Datasheet
336Kb / 7P
   RF Power Amplifier IC For 2.5 GHz ISM
MA02303GJ MACOM-MA02303GJ_1 Datasheet
421Kb / 7P
   RF Power Amplifier IC For 2.5 GHz ISM
logo
TriQuint Semiconductor
TQP777002 TRIQUINT-TQP777002 Datasheet
225Kb / 10P
   2.4GHz ISM Band InGaP HBT Matched Power Amplifier
logo
Sharp Corporation
IRM046U SHARP-IRM046U Datasheet
30Kb / 1P
   2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN
logo
Skyworks Solutions Inc.
AP147-320 SKYWORKS-AP147-320 Datasheet
1Mb / 11P
   ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com