Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD3739D Datasheet(PDF) 2 Page - NEC

Part # UPD3739D
Description  5000 PIXELS CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3739D Datasheet(HTML) 2 Page - NEC

  UPD3739D Datasheet HTML 1Page - NEC UPD3739D Datasheet HTML 2Page - NEC UPD3739D Datasheet HTML 3Page - NEC UPD3739D Datasheet HTML 4Page - NEC UPD3739D Datasheet HTML 5Page - NEC UPD3739D Datasheet HTML 6Page - NEC UPD3739D Datasheet HTML 7Page - NEC UPD3739D Datasheet HTML 8Page - NEC UPD3739D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
µPD3739
2
COMPARISON CHART
Item
µPD3739
µPD35H71A
PIN CONFIGURATION
Pin 1
GND
DGND
Pin 2
NC
TEST
Pin 4
NC
VDD
Pin 11
NC
VSUB
Pin 21
NC
AGND
Pin 22
NC
DGND
RECOMMENDED
Capacitance of reset gate clock
1000
± 20 %
Unspecified
OPERATING CONDITIONS
pin external capacitor (pF)
Data rate MIN. (MHz)
0.5
Unspecified
ELECTRICAL
Saturation exposure TYP. (Ix
⋅s)
0.17
0.29
CHARACTERISTICS
Photo response
TYP.
4
±5
non-uniformity (%)
MAX.
10
±10
Average dark signal TYP. (mV)
0.3
1.0
Dark signal
MIN.
0
–3
non-uniformity (mV)
TYP.
4
–1, +3
MAX.
6
+6
Power consumption MAX. (mW)
400
Unspecified
Response (V/Ix
⋅s)
MIN.
7.2
4.15
TYP.
9.0
5.2
MAX.
10.8
6.25
Offset level TYP. (V)
3.5
3.0
Shift register clock pin
MIN.
250
400
capacitance (pF) Note
TYP.
350
500
MAX.
500
800
Dynamic range TYP.
DR1
375
500
(times)
DR2
2143
Undefined
Reset feed-through
MIN.
0
Unspecified
noise (mV)
TYP.
400
250
MAX.
600
500
Random noise TYP. (mV)
0.7
Undefined
TIMING CHART
In phase outputs operating
Out of phase outputs
timing is added
operation only
DEFINITIONS OF
Photo response non-uniformity
Absolute value
Minus and plus value
CHARACTERISTICS ITEMS
Dark signal non-uniformity
Absolute value
Minus and plus value
Random noise
Standard deviation of signal
Undefined
level distribution by scan
RECOMMENDED SOLDERING CONDITIONS
Wave soldering is deleted
Note Due to the changing of measurement conditions, and pin capacitance of each devices is almost the same.
(
µPD3739: Power supply = 12 V, µPD35H71A: Power supply = 0 V)


Similar Part No. - UPD3739D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3739D-A RENESAS-UPD3739D-A Datasheet
411Kb / 26P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD3739D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
   5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S17147EJ2V0DS00 RENESAS-S17147EJ2V0DS00_15 Datasheet
362Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com