Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5142-25 Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # MSK5142-25
Description  Fast Transient Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5142-25 Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

  MSK5142-25 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5142-25 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5142-25 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5142-25 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5142-25 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5142-25 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5142-25 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5142-25 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5142-25 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
MECHANICAL SPECIFICATIONS
ORDERING INFORMATION
MSK5142-1.8 H T D
LEAD CONFIGURATIONS
(GULL WING NOT AVAILABLE WITH TOP TAB VERSION)
S= STRAIGHT; U= BENT UP; D= BENT DOWN
PACKAGE STYLE
T=TOP TAB; BLANK=NO TAB
SCREENING
BLANK= INDUSTRIAL
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
1.5=+1.5V; 1.7=+1.7V; 1.8=+1.8V; 1.9=+1.9V;
2.0=+2.0V; 2.5=+2.5V; 3.3=+3.3V
GENERAL PART NUMBER
ESD TRIANGLE INDICATES PIN 1
WEIGHT=2.9 GRAMS TYPICAL
ALL DIMENSIONS ARE SPECIFIED IN INCHES
8548-105 Rev. C 8/14


Similar Part No. - MSK5142-25

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5142-2.5HTD ANAREN-MSK5142-2.5HTD Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5142-2.5HTG ANAREN-MSK5142-2.5HTG Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5142-2.5HTS ANAREN-MSK5142-2.5HTS Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5142-2.5HTU ANAREN-MSK5142-2.5HTU Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
More results

Similar Description - MSK5142-25

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5141 MSK-MSK5141_15 Datasheet
472Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133A IRF-IRUH330133A_15 Datasheet
168Kb / 9P
   Fast Transient Response
logo
Unisonic Technologies
LXXLD32G-SH2-R UTC-LXXLD32G-SH2-R Datasheet
249Kb / 7P
   Fast Transient Response
logo
International Rectifier
IRUH3301A1B IRF-IRUH3301A1B_15 Datasheet
184Kb / 9P
   Fast Transient Response
IRUH330118B IRF-IRUH330118B_15 Datasheet
168Kb / 9P
   Fast Transient Response
IRUH330125A IRF-IRUH330125A_15 Datasheet
170Kb / 9P
   Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com