Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5202 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5202
Description  Ultra Low Dropout Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5202 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5202 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5202 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5202 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5202 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5202 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Ultra Low Dropout Voltage
Internal Short Circuit Current Limit
Output Voltages Are Internally Set To ±1% Maximum
Electrically Isolated Case
Internal Thermal Overload Protection
Many Output Voltage Combinations
Alternate Package and Lead Form Configurations Available
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
1
2
3
4
5
+Vin
+Vout
GND
-Vin
-Vout
5200
SERIES
DUAL POSITIVE/NEGATIVE,
3 AMP, ULTRA LOW DROPOUT
FIXED VOLTAGE REGULATORS
DESCRIPTION:
The MSK 5200 Series offers ultra low dropout voltages on both the positive and negative regulators. This, combined
with the low θJC, allows increased output current while providing exceptional device efficiency. Because of the increased
efficiency, a small hermetic 5 pin package can be used providing maximum performance while occupying minimal board
space. Output voltages are internally trimmed to ±1% maximum resulting in consistent and accurate operation. Addition-
ally, both regulators offer internal short circuit current and thermal limiting, which allows circuit protection and eliminates
the need for external components and excessive derating.
EQUIVALENT SCHEMATIC
MIL-PRF-38534 CERTIFIED
High Efficiency Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
1
Rev. H 12/10


Similar Part No. - MSK5202

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5202 ANAREN-MSK5202 Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5202HZD ANAREN-MSK5202HZD Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5202HZS ANAREN-MSK5202HZS Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5202HZU ANAREN-MSK5202HZU Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - MSK5202

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5203 MSK-MSK5203 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
MSK5201 MSK-MSK5201 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
MSK5210 MSK-MSK5210 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
MSK5206 MSK-MSK5206 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
MSK5208 MSK-MSK5208 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
MSK5209 MSK-MSK5209 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
MSK5204 MSK-MSK5204 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
MSK5205 MSK-MSK5205 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
MSK5207 MSK-MSK5207 Datasheet
141Kb / 5P
   Ultra Low Dropout Voltage
logo
International Rectifier
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Ultra Low Dropout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com