Electronic Components Datasheet Search |
|
MSK5207 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation |
|
MSK5207 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation |
2 / 5 page 1 2 3 4 5 6 7 8 9 10 11 12 Outputs are decoupled to ground using 33μF minimum tantalum capacitance unless otherwise specified. This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only. All output parameters are tested using a low duty cycle pulse to maintain TJ = TC. Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified. Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4. Subgroup 5 and 6 testing available upon request. Subgroup 1,4 TC= +25°C Subgroup 2,5 TJ = +125°C Subgroup 3,6 TA= -55°C Please consult the factory if alternate output voltages are required. Input voltage (VIN =VOUT + a specified voltage) is implied to be more negative than VOUT. Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures. See typical performance curves for clarification. The output current limit function provides protection from transient overloads but it may exceed the maximum continuous rating. Continuous operation in current limit may damage the device. Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle. VIN=VOUT+1V IOUT=0A IOUT=2A; ΔVOUT=-1% 100mA≤IOUT≤2.5A VIN=VOUT+1V IOUT=0A (VOUT+1V)≤VIN≤(26V) VIN=VOUT+1V; IOUT=0A VIN=VOUT+1V IOUT=3A; COUT=25μF; f=120Hz Junction to Case @ 125°C VIN=VOUT+1.5V IOUT= OA IOUT=2A; ΔVOUT=-1% VIN=VOUT+1.5V 100mA≤IOUT≤2.5A IOUT=0A (VOUT+1.5V)≤VIN≤(26V) VIN=VOUT+1.5V; IOUT=0A VIN=VOUT+1.5V IOUT=3A; COUT=25μF; f=120Hz Junction to Case @ 125°C Storage Temperature Range Lead Temperature Range (10 Seconds) Case Operating Temperature MSK5200-5210 MSK5200H-5210H ±26V Internally Limited ±3.0A +150°C -65°C to +150°C 300°C -40°C to +125°C -55°C to +125°C ABSOLUTE MAXIMUM RATINGS TST TLD TC Input Voltage Power Dissipation Output Current Junction Temperature ±VIN PD IOUT TJ POSITIVE OUTPUT REGULATORS: Dropout Voltage Quiescent Current Short Circuit Current Ripple Rejection Thermal Resistance NEGATIVE OUTPUT REGULATORS: Output Voltage Tolerance Dropout Voltage Quiescent Current Short Circuit Current Ripple Rejection Thermal Resistance NOTES: Min. - - - - - - - - - 60 - - - - - - - - - 3.0 60 - Group A Subgroup 1 2,3 1 1 2,3 1 2,3 1,2,3 1 4 - 1 2,3 1 1 2,3 1 2,3 1,2,3 1 4 - Typ. 0.5 1.0 350 0.2 0.3 0.1 0.5 10 4.5 75 2.5 0.1 0.1 550 0.3 0.5 0.1 0.5 4.5 3.5 75 4.7 Typ. 0.5 1.0 350 0.2 0.3 0.1 0.5 10 4.5 75 2.5 0.1 - 550 0.3 0.5 0.1 0.5 4.5 3.5 75 4.7 Parameter ELECTRICAL SPECIFICATIONS Test Conditions Units MSK 5200 SERIES MSK 5200H SERIES 1 2 2 2 2 2 % % mV % % % % mA A dB °C/W % % mV % % % % mA A dB °C/W 2 3 2 2 2 Rev. H 12/10 Min. - - - - - - - - - 60 - - - - - - - - - 3.0 60 - Max. 1.0 2.0 600 1.0 2.0 0.5 1.0 15 5.0 - 3.0 1.0 2.0 700 1.5 2.5 0.5 1.0 10 - - 5.9 Max. 1.5 - 625 1.2 - 0.6 - 15 5.0 - 3.2 2.0 - 750 1.7 - 0.6 - 10 - - 5.9 -5.2V -5.2V -5.2V -5.2V -5.2V -5.0V -5.0V -5.0V -5.0V -5.0V -5.2V -5.2V -5.2V -5.2V -5.2V -5.0V -5.0V -5.0V -5.0V -5.0V -12.0V -12.0V -12.0V -12.0V -12.0V -15.0V -15.0V -15.0V -15.0V -15.0V -5.0V -5.0V -5.0V -5.0V -5.0V -12.0V -12.0V -12.0V -12.0V -12.0V -15.0V -15.0V -15.0V -15.0V -15.0V -10.0V -10.0V -10.0V -10.0V -10.0V -5.2V -5.2V -5.2V -5.2V -5.2V PART PART PART PART PART NUMBER NUMBER NUMBER NUMBER NUMBER OUTPUT VOLTAGES OUTPUT VOLTAGES OUTPUT VOLTAGES OUTPUT VOLTAGES OUTPUT VOLTAGES +3.3V +3.3V +3.3V +3.3V +3.3V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +12.0V +12.0V +12.0V +12.0V +12.0V +12.0V +12.0V +12.0V +12.0V +12.0V +15.0V +15.0V +15.0V +15.0V +15.0V +15.0V +15.0V +15.0V +15.0V +15.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +5.0V +10.0V +10.0V +10.0V +10.0V +10.0V +5.2V +5.2V +5.2V +5.2V +5.2V MSK 5200 MSK 5200 MSK 5200 MSK 5200 MSK 5200 MSK 5201 MSK 5201 MSK 5201 MSK 5201 MSK 5201 MSK 5202 MSK 5202 MSK 5202 MSK 5202 MSK 5202 MSK 5203 MSK 5203 MSK 5203 MSK 5203 MSK 5203 MSK 5204 MSK 5204 MSK 5204 MSK 5204 MSK 5204 MSK 5205 MSK 5205 MSK 5205 MSK 5205 MSK 5205 MSK 5206 MSK 5206 MSK 5206 MSK 5206 MSK 5206 MSK 5207 MSK 5207 MSK 5207 MSK 5207 MSK 5207 MSK 5208 MSK 5208 MSK 5208 MSK 5208 MSK 5208 MSK 5209 MSK 5209 MSK 5209 MSK 5209 MSK 5209 MSK 5210 MSK 5210 MSK 5210 MSK 5210 MSK 5210 8 NEGATIVE NEGATIVE NEGATIVE NEGATIVE NEGATIVE POSITIVE POSITIVE POSITIVE POSITIVE POSITIVE 9 Output Voltage Tolerance Load Regulation Line Regulation Load Regulation Line Regulation 10 10 12 11 11 |
Similar Part No. - MSK5207 |
|
Similar Description - MSK5207 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |