Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P019008 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P019008
Description  Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 8-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P019008 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P019008 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P019008 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P
to IEC-320-C15), 8-ft.
MODEL NUMBER: P019-008
Description
Tripp Lite's 5-15P -to- C15 power cords allow connection from high voltage network hardware utilizing C15 type connectors electrical outlets with 5-15R type
inputs. Heavy-duty 14AWG wire supports voltages up to 250V. Molded ends ensure a lifetime of use.
Features
Heavy-duty power cord supports up to 250V
100~250V, 15A, 14AWG, SJT
Flexible 14AWG wire for easy routing
Use with Cisco, HP and other hardware that uses C15 type power connections
UL Listed
Specifications
INPUT
Cable Length (ft.)
8
Cable Length (m)
2.44
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA 5-15P
Connector B
IEC-320-C15
Highlights
8-ft. heavy-duty power cord,
5-15P-to-C15
100~250V, 15A, 14AWG, SJT
UL Listed
Applications
Ideal for connecting network
hardware with C15 power
connections to 5-15R power
outlets
Equivalent to HP 8120-5337
Equivalent to Cisco
CAB-C15-AC=
Package Includes
8-ft. Heavy Duty 14AWG Power
Cord, 5-15P to C15
1 / 2


Similar Part No. - P019008

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P019004 TRIPPLITE-P019004 Datasheet
487Kb / 2P
   Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 4-ft
More results

Similar Description - P019008

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P019004 TRIPPLITE-P019004 Datasheet
487Kb / 2P
   Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 4-ft
P034010 TRIPPLITE-P034010 Datasheet
481Kb / 2P
   Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to NEMA 5-15P), 10-ft
P007-010 TRIPPLITE-P007-010 Datasheet
484Kb / 3P
   Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13) 10-ft.
P007-006 TRIPPLITE-P007-006 Datasheet
483Kb / 2P
   Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13), 6-ft.
P007003 TRIPPLITE-P007003 Datasheet
485Kb / 2P
   Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 3-ft
P007010 TRIPPLITE-P007010 Datasheet
482Kb / 2P
   Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 10-ft
P007002 TRIPPLITE-P007002 Datasheet
482Kb / 2P
   Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 2-ft
P007012 TRIPPLITE-P007012 Datasheet
485Kb / 2P
   Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 12-ft
P007006 TRIPPLITE-P007006 Datasheet
483Kb / 2P
   Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 6-ft
P018002 TRIPPLITE-P018002 Datasheet
483Kb / 2P
   Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 2-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com