Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1937 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1937
Description  White LED Step-Up Converter in SC70 and ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1937_15 Datasheet HTML 4Page - Linear Technology LT1937_15 Datasheet HTML 5Page - Linear Technology LT1937_15 Datasheet HTML 6Page - Linear Technology LT1937_15 Datasheet HTML 7Page - Linear Technology LT1937_15 Datasheet HTML 8Page - Linear Technology LT1937_15 Datasheet HTML 9Page - Linear Technology LT1937_15 Datasheet HTML 10Page - Linear Technology LT1937_15 Datasheet HTML 11Page - Linear Technology LT1937_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1937
1937f
TYPICAL APPLICATIO S
Li-Ion to Five White LEDs
Five LED Efficiency
VIN
SW
LT1937
L
22
µH
COUT
0.22
µF
CIN
1
µF
CIN: TAIYO YUDEN JMK107BJ105
COUT: TAIYO YUDEN GMK212BJ224
D: CENTRAL CMDSH-3
L: MURATA LQH3C220
1937 TA03a
VIN
3V TO 5V
SHDN
R1
4
5k
90k
FB
D
VDC
DIMMING
GND
LOAD CURRENT (mA)
0
65
70
75
80
85
24
6
8
1937 TA03b
10
12
VIN = 3.6V
VIN = 3V
TYPICAL APPLICATIO S
5V to Seven White LEDs
Seven LED Efficiency
VIN
SW
LT1937
L
22
µH
COUT
0.22
µF
CIN
1
µF
CIN: TAIYO YUDEN JMK107BJ105
COUT: TAIYO YUDEN GMK212BJ224
D: CENTRAL CMDSH-3
L: MURATA LQH3C220
1937 TA04a
VIN
5V
SHDN
R1
4
5k
90k
FB
D
VDC
DIMMING
GND
LOAD CURRENT (mA)
0
65
70
75
80
85
510
1937 TA04b
15


Similar Part No. - LT1937_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1937ES5 LINER-LT1937ES5 Datasheet
362Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1937ESC6 LINER-LT1937ESC6 Datasheet
362Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
More results

Similar Description - LT1937_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1937 LINER-LT1937 Datasheet
362Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT3460 LINER-LT3460_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460-1 LINER-LT3460-1_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com