Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5250-17 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5250-17
Description  Hermetic Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5250-17 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5250-17 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5250-17 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5250-17 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5250-17 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5250-17 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
SERIES
Hermetic Surface Mount Package
Extremely Low Dropout Voltage: 370mV @ 5 Amps
Available in 1.5V, 1.7V, 1.9V, 2.5V, 3.3V, 5.0V and 12.0V
On Board Thermal Shut Down
Reverse Battery and Load Dump Protection
Low Ground Current: 70mA Typical at Full Load
1% Maximum Guaranteed Accuracy
Output Current to 5 Amps
Alternate Output Voltages Available
DESCRIPTION:
The MSK 5250 series voltage regulators are available in +1.5V, +1.7V, +1.9V, +2.5V, +3.3V, +5.0V, and
+12.0V output configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output
pass transistor with monolithic technology. Dropout voltages of 370mV at 5 amps are typical in this configuration,
which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage
tolerance. The MSK 5250 series is packaged in a space efficient 3 pin power surface mount ceramic package.
EQUIVALENT SCHEMATIC
5250
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
VIN
VOUT
Ground
1
2
3
1
MIL-PRF-38534 CERTIFIED FACILITY
VERY HIGH CURRENT, LOW DROPOUT
SURFACE MOUNT
VOLTAGE REGULATORS
LID=ISOLATED
8548-44 Rev. G 4/12


Similar Part No. - MSK5250-17

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5250-1.5 MSK-MSK5250-1.5 Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5250-1.5 ANAREN-MSK5250-1.5 Datasheet
112Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5250-1.5E MSK-MSK5250-1.5E Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-1.5H MSK-MSK5250-1.5H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5250-1.5H ANAREN-MSK5250-1.5H Datasheet
112Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5250-17

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5275-17 MSK-MSK5275-17 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5275-20 MSK-MSK5275-20 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5275-25 MSK-MSK5275-25 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5275-33 MSK-MSK5275-33 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5215-19 MSK-MSK5215-19 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5230-18 MSK-MSK5230-18 Datasheet
732Kb / 6P
   Hermetic Surface Mount Package
MSK5275-15 MSK-MSK5275-15 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5215-17 MSK-MSK5215-17 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5215-18 MSK-MSK5215-18 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5230-15 MSK-MSK5230-15 Datasheet
732Kb / 6P
   Hermetic Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com