Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1428-50 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1428-50
Description  Micropower 8-Bit Current Sink Output D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1428-50 Datasheet(HTML) 3 Page - Linear Technology

  LTC1428-50_15 Datasheet HTML 1Page - Linear Technology LTC1428-50_15 Datasheet HTML 2Page - Linear Technology LTC1428-50_15 Datasheet HTML 3Page - Linear Technology LTC1428-50_15 Datasheet HTML 4Page - Linear Technology LTC1428-50_15 Datasheet HTML 5Page - Linear Technology LTC1428-50_15 Datasheet HTML 6Page - Linear Technology LTC1428-50_15 Datasheet HTML 7Page - Linear Technology LTC1428-50_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1428-50
VCC = 5V, unless otherwise specified. (Notes 2, 3)
RECO
E DED OPERATI G CO DITIO S
TYPICAL PERFORMANCE CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Timing for all input signals is measured at 0.8V for a High-to-Low
transition and at 2V for a Low-to-High transition.
Note 3: Timing specifications are guaranteed by design but not tested.
Note 4: This is the minimum time required for valid data transfer.
CODE
0
– 1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
64
128
160
1428-50 G01
– 0.6
0.6
0.8
0.2
32
96
192 224
256
VCC = 3.3V
V(IOUT) = 2.5V
TA = 25°C
DNL vs Code
Supply Voltage Rejection
INL vs Code
CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
64
128
160
1428-50 G02
32
96
192 224
256
VCC = 3.3V
V(IOUT) = 2.5V
TA = 25°C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Interface
fCLK
Clock Frequency
q
2
MHz
tCKS
Setup Time, CLK
↓ Before CS↓
q
150
ns
tCSS
Setup Time, CS
↓ Before CLK↑
q
400
ns
tDV
CS
↓ to DOUT Valid
See Test Circuits
q
150
ns
tDS
DIN Setup Time Before CLK↑
q
150
ns
tDH
DIN Hold Time After CLK↑
q
150
ns
tDO
CLK
↓ to DOUT Valid
See Test Circuits
q
150
ns
tCKHI
CLK High Time
q
200
ns
tCKLO
CLK Low Time
q
250
ns
tCSH
CLK
↓ Before CS↑
q
150
ns
tDZ
CS
↑ to DOUT in Hi-Z
See Test Circuits
q
400
ns
tCKH
CS
↑ Before CLK↑
q
400
ns
tCSLO
CS Low Time
fCLK = 2MHz (Note 4)
q
4550
ns
VCLK = 0V
400
ns
tCSHI
CS High Time
q
400
ns
SUPPLY VOLTAGE (V)
1
– 0.5
0
0.5
4
6
1428-50 G03
– 1.0
– 1.5
– 2.0
23
5
1.0
1.5
2.0
7
V(IOUT) = 2.5V
TA = 25°C


Similar Part No. - LTC1428-50_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
More results

Similar Description - LTC1428-50_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-50 LINER-LTC1329-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC100 AD-DAC100 Datasheet
178Kb / 5P
   10-Bit Current output D to A Converter
logo
Sipex Corporation
SP8527 SIPEX-SP8527 Datasheet
180Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com