Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1454L Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1454L
Description  Dual 12-Bit Rail-to-Rail Micropower DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454L Datasheet(HTML) 5 Page - Linear Technology

  LTC1454L Datasheet HTML 1Page - Linear Technology LTC1454L Datasheet HTML 2Page - Linear Technology LTC1454L Datasheet HTML 3Page - Linear Technology LTC1454L Datasheet HTML 4Page - Linear Technology LTC1454L Datasheet HTML 5Page - Linear Technology LTC1454L Datasheet HTML 6Page - Linear Technology LTC1454L Datasheet HTML 7Page - Linear Technology LTC1454L Datasheet HTML 8Page - Linear Technology LTC1454L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1454/LTC1454L
X1/X2 B, X1/X2 A (Pins 1, 7): For LTC1454, when this pin
is grounded, the gain will be 2. When connected to VOUT
the gain will be 1. In a gain of 2 configuration, the output
full scale will be 2
× REFHI. When using the internal
reference, this value is 4.096V. For the LTC1454L, when
this pin is grounded, the gain will be 2.05. When connected
to VOUT the gain will be 1. In a gain of 2 configuration, the
output full scale will be 2.05
× REFHI. When using the
internal reference this value is 2.5V.
CLR (Pin 2): The Clear Pin for the DAC. Clears both DACs
to zero scale when pulled low. This pin should be tied to
VCC for normal operation.
CLK (Pin 3): The Serial Interface Clock Input.
DIN (Pin 4): The Serial Data Input. Data on the DIN pin is
latched into the shift register on the rising edge of the serial
clock. Data is loaded as one 24-bit word. The first 12 bits
are for DAC A, MSB-first and the second 12 bits are for
DAC B, MSB-first.
PIN FUNCTIONS
CS/LD (Pin 5): The Serial Interface Enable and Load
Control Input. When CS/LD is low the CLK signal is
enabled so the data can be clocked in. When CS/LD is
pulled high, data is loaded from the shift register into the
DAC register, updating the DAC output.
DOUT (Pin 6): The Output of the Shift Register which
Becomes Valid on the Rising Edge of the Serial Clock.
VOUT A, VOUT B (Pins 8, 16): The Buffered DAC Outputs.
VCC (Pins 9, 15): The Positive Supply Input. 4.5 ≤ VCC
≤ 5.5V (LTC1454), 2.7V ≤ VCC ≤ 5.5V (LTC1454L). Re-
quires a bypass capacitor to ground.
REFOUT (Pin 10): The Output of the Internal Reference.
REFHI A , REFHI B (Pins 11,14): The Inputs to the DAC
Resistor Ladder for DAC A/B.
REFLO (Pin 12): The Bottom of the DAC Resistor Ladder
for Both DACs. This can be used to offset zero-scale above
ground. REFLO should be connected to ground when no
offset is required.
GND (Pin 13): Ground.


Similar Part No. - LTC1454L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1454L LINER-LTC1454L Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1454LC LINER-LTC1454LC Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LCN LINER-LTC1454LCN Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LCS LINER-LTC1454LCS Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
More results

Similar Description - LTC1454L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Technology
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_1 Datasheet
172Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com