Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5251-15 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5251-15
Description  Ultra-Fast Transient Response
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5251-15 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5251-15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5251-15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5251-15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5251-15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5251-15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5251-15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Storage Temperature Range . . . . -65°C to +150°C
Lead Temperature
(10 Seconds Soldering) . . . . . . . . . . . . . . . . 300°C
Operating Temperature
MSK5251 Series . . . . . . . . . -40°C to +85°C
MSK5251H Series . . . . . . . -55°C to +125°C
Input Voltage
Power Dissipation
+6.5V
Internally Limited
VIN
PD
TST
TLD
TJ
ABSOLUTE MAXIMUM RATINGS
2
ELECTRICAL SPECIFICATIONS
+0.8V
+0.9V
+1.0V
+1.2V
+1.3V
+1.4V
+1.5V
OUTPUT
VOLTAGE
7
PART
NUMBER
1
2
3
4
5
6
7
8
9
NOTES:
Output decoupled to ground using 10μF ceramic capacitor unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3.
Subgroup 1
Subgroup 2
Subgroup 2B
Subgroup 3
Please consult the factory if alternate output voltages are required.
Due to internal thermal shutdown, maximum output current may not be available at all values of VIN-VOUT and temperatures.
See typical performance curves for clarification.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TC = +25°C
TJ = +125°C
TC = +135°C
TA = -55°C
MSK5251-0.8
MSK5251-0.9
MSK5251-1.0
MSK5251-1.2
MSK5251-1.3
MSK5251-1.4
MSK5251-1.5
9
8548-118 Rev. I 4/14


Similar Part No. - MSK5251-15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5251-1.0 MSK-MSK5251-1.0 Datasheet
764Kb / 5P
   HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5251-1.0 ANAREN-MSK5251-1.0 Datasheet
335Kb / 6P
   HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5251-1.0E MSK-MSK5251-1.0E Datasheet
764Kb / 5P
   HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5251-1.0H MSK-MSK5251-1.0H Datasheet
764Kb / 5P
   HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5251-1.0H ANAREN-MSK5251-1.0H Datasheet
335Kb / 6P
   HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5251-15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-08 MSK-MSK5251-08 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-13 MSK-MSK5251-13 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-12 MSK-MSK5251-12 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com