Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5275-20 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5275-20
Description  Hermetic Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5275-20 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5275-20 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5275-20 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5275-20 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5275-20 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5275-20 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
]
APPLICATION NOTES
REGULATOR PROTECTION:
The MSK 5275 series is fully protected against reversed
input polarity, overcurrent faults, overtemperature con-
ditions (Pd) and transient voltage spikes of up to 60V. If
the regulator is used in dual supply systems where the
load is returned to a negative supply, the output voltage
must be diode clamped to ground.
LOAD CONNECTIONS:
In voltage regulator applications where very large load
currents are present, the load connection is very impor-
tant. The path connecting the output of the regulator to
the load must be extremely low impedance to avoid af-
fecting the load regulation specifications. Any imped-
ance in this path will form a voltage divider with the
load.
MINIMIZING POWER DISSIPATION:
Many applications can not take full advantage of the
extremely low dropout specifications of the regulator due
to large input to output voltage differences. The simple
circuit below illustrates a method to reduce the input
voltage at the regulator to just over the dropout specifi-
cation to keep the internal power dissipation minimized:
For a given continuous maximum load of 1 amp, R1 can
be selected to drop the voltage seen at the regulator to
4V. This allows for the output tolerance and dropout
specifications. Input voltage variations (5V) also should
be included in the calculations. The resistor should be
sized according to the power levels required for the ap-
plication.
OUTPUT CAPACITOR:
The output voltage ripple of the MSK 5275 series volt-
age regulators can be minimized by placing a filter ca-
pacitor from the output to ground. The optimum value
for this capacitor may vary from one application to the
next, but a minimum of 33μF is recommended for opti-
mum performance. Transient load response can also be
improved by placing a capacitor directly across the load.
The capacitor should not be an ultra-low ESR type. Tan-
talum capacitors are best for fast load transients but
aluminum electrolytics will work fine in most applica-
tions.
3
1.7W
PACKAGE CONNECTIONS:
The MSK 5275 series are highly thermally conductive
devices and the thermal path from the package heat sink
to the internal junctions is very short. Standard surface
mount soldering techniques should be used when mount-
ing the device. Some applications may require additional
heat sinking of the device.
HEAT SINK SELECTION:
To select a heat sink for the MSK 5275, the following
formula for convective heat flow may be used.
Governing Equation:
Tj = Pd x (Rθjc + Rθcs + Rθsa) + Ta
WHERE:
Tj = Junction Temperature
Pd = Total Power Dissipation
Rθjc = Junction to Case Thermal Resistance
Rθcs = Case to Heat Sink Thermal Resistance
Rθsa = Heat Sink to Ambient Thermal Resistance
Ta = Ambient Temperature
[
First, the power dissipation must be calculated as fol-
lows:
Power Dissipation = (Vin - Vout) x Iout
Next, the user must select a maximum junction tempera-
ture. The absolute maximum allowable junction tem-
perature is 125°C. The equation may now be rearranged
to solve for the required heat sink to ambient thermal
resistance (Rθsa).
EXAMPLE:
An MSK 5275-3.3 is configured for Vin=+5V and
Vout=+3.3V. Iout is a continuous 1A DC level. The
ambient temperature is +25°C. The maximum desired
junction temperature is 125°C.
Rθjc = 1.0°C/W and Rθcs = 0.5°C/W typically.
Power Dissipation = (5V - 3.3V) x (1A)
= 1.7 Watts
Solve for Rθsa:
Rθsa = 125°C - 25°C - 1.0°C/W - 0.5°C/W
In this example, a heat sink with a thermal resistance of
no more than 57°C/W must be used to maintain a junc-
tion temperature of no more than 125°C.
= 57.32°C/W
8548-42 Rev. J 4/12


Similar Part No. - MSK5275-20

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5275-2.5 MSK-MSK5275-2.5 Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-2.5E MSK-MSK5275-2.5E Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-2.5H MSK-MSK5275-2.5H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5275-2.5H ANAREN-MSK5275-2.5H Datasheet
115Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5275-25 MSK-MSK5275-25 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
More results

Similar Description - MSK5275-20

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5275-17 MSK-MSK5275-17 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5275-25 MSK-MSK5275-25 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5275-33 MSK-MSK5275-33 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5215-19 MSK-MSK5215-19 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5230-18 MSK-MSK5230-18 Datasheet
732Kb / 6P
   Hermetic Surface Mount Package
MSK5275-15 MSK-MSK5275-15 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5215-17 MSK-MSK5215-17 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5215-18 MSK-MSK5215-18 Datasheet
115Kb / 5P
   Hermetic Surface Mount Package
MSK5230-15 MSK-MSK5230-15 Datasheet
732Kb / 6P
   Hermetic Surface Mount Package
MSK5250-17 MSK-MSK5250-17 Datasheet
112Kb / 5P
   Hermetic Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com