Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1516 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1516
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1516 Datasheet(HTML) 4 Page - Linear Technology

  LTC1516_15 Datasheet HTML 1Page - Linear Technology LTC1516_15 Datasheet HTML 2Page - Linear Technology LTC1516_15 Datasheet HTML 3Page - Linear Technology LTC1516_15 Datasheet HTML 4Page - Linear Technology LTC1516_15 Datasheet HTML 5Page - Linear Technology LTC1516_15 Datasheet HTML 6Page - Linear Technology LTC1516_15 Datasheet HTML 7Page - Linear Technology LTC1516_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1516
BLOCK DIAGRAM
COMP1
COMP2
COMP3
VREF
CLOCK 1
CLOCK 2
CONTROL
LOGIC
VOS
S3
S2A
S2B
S2C
S1A
S1B
S1C
S1D
0.22
µF
10
µF
0.22
µF
C1+
C1
C2+
C2
10
µF
VOUT
SHDN
LTC1516 • BD
CHARGE PUMP SHOWN IN TRIPLER MODE, DISCHARGE CYCLE
VIN
CHARGE PUMP
+
+
APPLICATIONS INFORMATION
Operation
The LTC1516 uses a switched capacitor charge pump to
boost VIN from 2V to 5V to a regulated 5V ±4% output
voltage. Regulation is achieved by sensing the output
voltage through an internal resistor divider and enabling
the charge pump when the output voltage droops below
the lower trip point of COMP2. When the charge pump is
enabled, a 2-phase, nonoverlapping clock controls the
charge pump switches. Clock 1 closes the S1 switches
which enable the flying capacitors, C1 and C2, to charge
up to the VIN voltage. Clock 2 closes the S2 switches which
stack C1 and C2 in series with VIN and connect the top
plate of C2 to the output capacitor at VOUT. This sequence
of charging and discharging continues at a free-running
frequency of 600kHz (typ) until the output has risen to the
upper trip point of COMP2 and the charge pump is
disabled. When the charge pump is disabled, the LTC1516
draws only 8
µA (typ) from VIN which provides high
efficiency at low load conditions.
To achieve the highest efficiency over the entire VIN range,
the LTC1516 operates as either a doubler or a tripler
depending on VIN and output load conditions. COMP1 and
COMP2 determine whether the charge pump is in doubler
mode or tripler mode. COMP1 forces the part into tripler
mode if VIN is <2.55V, regardless of output load. When VIN
is > 2.55V, the part will be in doubler mode using only C2
as a flying capacitor. In doubler mode, if the output droops
by 50mV under heavy loads, COMP3 will force the charge
pump into tripler mode until VOUT climbs above the upper
trip point of COMP3. Under these VIN and load conditions,
the nominal VOUT will be approximately 50mV lower than
the no load nominal VOUT. This method of sensing VIN and
output load results in efficiency greater than 80% with VIN
between 2.5V and 3V.
In shutdown mode, all circuitry is turned off and the part
draws only leakage current (< 1
µA) from the VIN supply.
VOUT is also disconnected from VIN. The SHDN pin is a
CMOS input with a threshold of approximately VIN/2;
however, the SHDN pin can be driven by logic levels that
exceed the VIN voltage. The part enters shutdown mode
when a logic high is applied to the SHDN pin. The SHDN pin
cannot float; it must be driven with a logic high or low.


Similar Part No. - LTC1516_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1516CS8 LINER-LTC1516CS8 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516IS8 LINER-LTC1516IS8 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
More results

Similar Description - LTC1516_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
   DC-DC CONVERTER REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com