Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1520 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1520
Description  50Mbps Precision Quad Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1520 Datasheet(HTML) 8 Page - Linear Technology

  LTC1520 Datasheet HTML 1Page - Linear Technology LTC1520 Datasheet HTML 2Page - Linear Technology LTC1520 Datasheet HTML 3Page - Linear Technology LTC1520 Datasheet HTML 4Page - Linear Technology LTC1520 Datasheet HTML 5Page - Linear Technology LTC1520 Datasheet HTML 6Page - Linear Technology LTC1520 Datasheet HTML 7Page - Linear Technology LTC1520 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1520
©LINEAR TECHNOLOGY CORPORATION 1996
1520fs, sn1520 LT/GP 0996 7K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
PART NUMBER
DESCRIPTION
COMMENTS
LTC486/487
Low Power Quad RS485 Drivers
10Mbps, – 7V to 12V Common Mode Range
LTC488/489
Low Power Quad RS485 Receivers
10Mbps, – 7V to 12V Common Mode Range
LT
®1016
Ultrafast Precision Comparator
Single 5V Supply, 10ns Propagation Delay
LTC1518
High Speed Quad RS485 Receiver
50Mbps, – 7V to 12V Common Mode Range
LTC1519
High Speed Quad RS485 Receiver
50Mbps, – 7V to 12V Common Mode Range
RELATED PARTS
APPLICATIONS INFORMATION
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
S16 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
PACKAGE DESCRIPTION
Figure 11. VDD Bypassing > 1 1/4” Away
Figure 12. VDD Bypassing < 3/8” Away
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
1520 F11
50ns/DIV
1V/DIV
0V
ALL 4 RECEIVERS DRIVEN BY
THE SAME INPUT
INPUT VOLTAGE (V)
0
160
150
140
130
120
110
100
90
80
40
10
20
30
50
1520 F12
50ns/DIV
1V/DIV
0V
ALL 4 RECEIVERS DRIVEN BY
THE SAME INPUT


Similar Part No. - LTC1520

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1520 LINER-LTC1520 Datasheet
214Kb / 8P
   50Mbps Precision Quad Line Receiver
LTC1520 LINER-LTC1520 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC1520CS LINER-LTC1520CS Datasheet
214Kb / 8P
   50Mbps Precision Quad Line Receiver
More results

Similar Description - LTC1520

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1520 LINER-LTC1520 Datasheet
214Kb / 8P
   50Mbps Precision Quad Line Receiver
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
   Quad Line Receiver
1996 REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL Datasheet
63Kb / 4P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
MC10H115 ONSEMI-MC10H115_16 Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com