Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGFLV-311E1-1-60-B01 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LGFLV-311E1-1-60-B01
Description  1W Power Light LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGFLV-311E1-1-60-B01 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LGFLV-311E1-1-60-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGFLV-311E1-1-60-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGFLV-311E1-1-60-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGFLV-311E1-1-60-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGFLV-311E1-1-60-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGFLV-311E1-1-60-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGFLV-311E1-1-60-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGFLV-311E1-1-60-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGFLV-311E1-1-60-B01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
0.382
0.402
NOTE: Tolerance on each color bin(x,y)is
±0.01
0.402
RM
0.415
0.421
0.396
0.423
5/13
Page
3650
0.416
0.433
0.404
0.437
0.477
0.389
3150
0.416
PP
3375
0.367
0.397
QP
0.409
0.396
RP
0.387
0.397
0.383
RN
0.392
0.409
0.415
0.431
0.438
RO
0.387
0.402
0.392
QM
0.421
0.415
0.410
0.400
0.404
3650
0.374
0.367
0.360
3650
0.391
0.400
0.416
0.423
0.440
3650
0.374
0.382
0.391
3375
0.433
0.416
0.374
0.416
QO
QN
0.424
0.431
0.402
0.416
0.424
0.409
0.415
PM
0.431
0.446
0.409
0.454
0.402
0.422
0.410
0.438
0.389
3375
0.407
3375
0.423
0.382
0.389
0.406
0.400
0.416
3150
0.423
0.429
0.400
0.446
0.382
0.379
0.374
0.440
0.399
0.444
0.424
0.416
0.424
PN
0.446
0.438
0.429
PO
0.429
0.431
0.438
0.454
NM
0.446
0.471
0.461
NP
0.436
0.422
0.429
0.406
0.389
0.407
3150
0.429
0.412
0.394
3150
0.394
0.423
0.412
0.446
2950
0.429
0.451
0.433
2950
0.384
0.379
0.394
0.487
0.446
NN
0.453
0.461
0.438
NO
0.429
0.453
0.444
0.438
0.449
MM
0.471
0.477
0.461
MP
0.458
0.436
0.444
0.454
0.429
2950
0.416
0.433
0.412
2950
0.394
0.416
0.399
0.412
0.388
2760
0.451
0.437
0.433
2760
0.403
0.384
0.399
Color Bins
White Bin Structure
20 color bins, CCT range 3800K to 2670K
Bin Codex
0.467
0.458
MN
0.453
0.461
0.467
MO
0.453
0.444
Typ. CCT
(K)
0.420
0.403
2760
0.416
0.433
0.420
2760
0.416
0.399
y
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LGFLV-311E1-1-60-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGFLV-311E LIGITEK-LGFLV-311E Datasheet
355Kb / 14P
   1W Power Light LED
LGFLV-311E-60 LIGITEK-LGFLV-311E-60 Datasheet
339Kb / 14P
   1W Power Light LED
More results

Similar Description - LGFLV-311E1-1-60-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLY-311E LIGITEK-LGFLY-311E Datasheet
272Kb / 13P
   1W Power Light LED
LGFLN-311E LIGITEK-LGFLN-311E Datasheet
346Kb / 14P
   1W Power Light LED
LGLV-311E1 LIGITEK-LGLV-311E1 Datasheet
201Kb / 13P
   1W Power Light LED
LGLW-311E1 LIGITEK-LGLW-311E1 Datasheet
203Kb / 13P
   1W Power Light LED
LGSV-311E LIGITEK-LGSV-311E Datasheet
136Kb / 10P
   1W Power Light LED
LG-7020WKZ-2-P-A07 LIGITEK-LG-7020WKZ-2-P-A07 Datasheet
416Kb / 15P
   1W Power Light LED
LGFLW-311E-60 LIGITEK-LGFLW-311E-60 Datasheet
354Kb / 15P
   1W Power Light LED
LGSV-311E1-1 LIGITEK-LGSV-311E1-1 Datasheet
248Kb / 13P
   1W Power Light LED
LGSV-311H LIGITEK-LGSV-311H Datasheet
152Kb / 11P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com