Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGFLV-313E1-1 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LGFLV-313E1-1
Description  LGFLV-313E1-1
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGFLV-313E1-1 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LGFLV-313E1-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LGFLV-313E1-1 Datasheet HTML 11Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 6/13
Recommended Solder Pad Design
NOTE:
1. All dimensions are in mm.
2. The drawings are not to scale.
3. Solder pad can't be connected to slug.
Slug independent
5.82
16.65
11.65
Solder Pad
2
Solder Mark
Precautions For Use:
Storage :
1.The operation of Temperatures and RH are : 5
~35,RH60%,After the package is opened,
LEDs should be stored at temperatures less than 30
and humidity less than 30 %.
2.Once the package is opened, the products should be used within a week.
Otherwise, they should be kept in a damp proof box with descanting agent.
Considering the products life, we suggest our customers to use our products within
a year(from production date).
3.If opened more than one week in an atmosphere 5
~ 35,RH60%, they
should be treated at 60
℃±5 for 6hrs.


Similar Part No. - LGFLV-313E1-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGFLV-311E LIGITEK-LGFLV-311E Datasheet
355Kb / 14P
   1W Power Light LED
LGFLV-311E-60 LIGITEK-LGFLV-311E-60 Datasheet
339Kb / 14P
   1W Power Light LED
LGFLV-311E1-1-60-B01 LIGITEK-LGFLV-311E1-1-60-B01 Datasheet
355Kb / 14P
   1W Power Light LED
More results

Similar Description - LGFLV-313E1-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010411-CT1160 MA-COM-MABA-010411-CT1160 Datasheet
158Kb / 4P
   Transformer, 1:1
MABACT0062 MA-COM-MABACT0062 Datasheet
147Kb / 4P
   Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
   Transformer, 1:1
logo
Vishay Siliconix
122 VISHAY-122 Datasheet
351Kb / 4P
   1 1/16
01-Jan-2022
logo
M/A-COM Technology Solu...
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-010726-CT1007-V1 MA-COM-MABA-010726-CT1007-V1 Datasheet
1Mb / 4P
   Transformer, 1:1
MABA-011009-V2 MA-COM-MABA-011009-V2 Datasheet
584Kb / 4P
   Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
   Transformer, 1:1
logo
Alpha Wire
B963011 ALPHAWIRE-B963011 Datasheet
68Kb / 2P
   Component 1 1 X 1 PAIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com