Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGFLW-313E1-1 Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LGFLW-313E1-1
Description  3W Power Light LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGFLW-313E1-1 Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LGFLW-313E1-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGFLW-313E1-1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGFLW-313E1-1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGFLW-313E1-1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGFLW-313E1-1 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LGFLW-313E1-1 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LGFLW-313E1-1 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LGFLW-313E1-1 Datasheet HTML 13Page - LIGITEK electronics co., ltd. LGFLW-313E1-1 Datasheet HTML 14Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Fig.3 Forward current vs. Luminous Flux
IF(mA)
Fig.4 Junction Temperature vs. Forward Voltage
0
100
0.2
200
300
400
500
0.4
0.6
0.8
1.0
1.2
Junction Temperature(
°C)
0
-20
20
40
60
80
100
120
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
White
9/13
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LGFLW-313E1-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGFLW-311E LIGITEK-LGFLW-311E Datasheet
348Kb / 15P
   1W Power Light LED
LGFLW-311E-60 LIGITEK-LGFLW-311E-60 Datasheet
354Kb / 15P
   1W Power Light LED
LGFLW-311E1-1-60-B01 LIGITEK-LGFLW-311E1-1-60-B01 Datasheet
385Kb / 15P
   1W Power Light LED
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLW-311E1-1-B01 LIGITEK-LGFLW-311E1-1-B01 Datasheet
329Kb / 14P
   1W Power Light LED
More results

Similar Description - LGFLW-313E1-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
   3W Power Light LED
LGLG-313E LIGITEK-LGLG-313E Datasheet
186Kb / 12P
   3W Power Light LED
LGLV-313E LIGITEK-LGLV-313E Datasheet
194Kb / 13P
   3W Power Light LED
LGSW-313E LIGITEK-LGSW-313E Datasheet
143Kb / 10P
   3W Power Light LED
LGLB-313E LIGITEK-LGLB-313E Datasheet
183Kb / 12P
   3W Power Light LED
LGSV-313E LIGITEK-LGSV-313E Datasheet
136Kb / 10P
   3W Power Light LED
LGSW-313H LIGITEK-LGSW-313H Datasheet
164Kb / 11P
   3W Power Light LED
LGLR-313E LIGITEK-LGLR-313E Datasheet
191Kb / 12P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com