Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGFLY-311E Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LGFLY-311E
Description  1W Power Light LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGFLY-311E Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LGFLY-311E Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGFLY-311E Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGFLY-311E Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGFLY-311E Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGFLY-311E Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGFLY-311E Datasheet HTML 10Page - LIGITEK electronics co., ltd. LGFLY-311E Datasheet HTML 11Page - LIGITEK electronics co., ltd. LGFLY-311E Datasheet HTML 12Page - LIGITEK electronics co., ltd. LGFLY-311E Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
10/12
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
L
3. 10 INNER BOXES / CARTON
SIZE : L X W X H 480cm X 240cm X 325cm
C/NO:
MADE IN CHINA
L
W
H
ITE
M
NO
.
Q'
TY
:
PC
S
N,
W
,:
kg
s
G,
W
,:
kg
s
2. 20 TUBES / INNER BOX (10*2)
SIZE : L X W X H 460cm X 110cm X 60cm
PACKING SPECIFICATION
4.76
16.6
0.56
2.2
1. 50PCS / TUBE
Anode
9.6
8
420


Similar Part No. - LGFLY-311E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGFLB-311E1-60 LIGITEK-LGFLB-311E1-60 Datasheet
392Kb / 13P
   1W Power Light LED
LGFLB-321E-60 LIGITEK-LGFLB-321E-60 Datasheet
242Kb / 13P
   1W Power Light LED
LGFLN-311E LIGITEK-LGFLN-311E Datasheet
346Kb / 14P
   1W Power Light LED
LGFLN-311E1-1-60-B01 LIGITEK-LGFLN-311E1-1-60-B01 Datasheet
356Kb / 14P
   1W Power Light LED
LGFLV-311E LIGITEK-LGFLV-311E Datasheet
355Kb / 14P
   1W Power Light LED
More results

Similar Description - LGFLY-311E

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLN-311E LIGITEK-LGFLN-311E Datasheet
346Kb / 14P
   1W Power Light LED
LGLV-311E1 LIGITEK-LGLV-311E1 Datasheet
201Kb / 13P
   1W Power Light LED
LGLW-311E1 LIGITEK-LGLW-311E1 Datasheet
203Kb / 13P
   1W Power Light LED
LGSV-311E LIGITEK-LGSV-311E Datasheet
136Kb / 10P
   1W Power Light LED
LG-7020WKZ-2-P-A07 LIGITEK-LG-7020WKZ-2-P-A07 Datasheet
416Kb / 15P
   1W Power Light LED
LGFLW-311E-60 LIGITEK-LGFLW-311E-60 Datasheet
354Kb / 15P
   1W Power Light LED
LGSV-311E1-1 LIGITEK-LGSV-311E1-1 Datasheet
248Kb / 13P
   1W Power Light LED
LGSV-311H LIGITEK-LGSV-311H Datasheet
152Kb / 11P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com