Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGXRY-521E-T150 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LGXRY-521E-T150
Description  High Power Light LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGXRY-521E-T150 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LGXRY-521E-T150 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGXRY-521E-T150 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGXRY-521E-T150 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGXRY-521E-T150 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGXRY-521E-T150 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGXRY-521E-T150 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGXRY-521E-T150 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGXRY-521E-T150 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LGXRY-521E-T150 Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/11
Recommended Profile for Reflow Soldering
Pb -free solder temperature profile
120 Sec. Max.
60 Sec.Max.
Above220°C
1-5°C/Sec.
1-5°C/Sec.
6°C/Sec.
260°C.Max.
10 Sec .Max.
Pre-heating
180-200°C
180-200°C
10 Sec Max
260°C Max
120 Sec Max
Pb -free solder Temperature profile
Pre-heat
Pre-heat time
Peak-Temperature
Soldering time condition
(1) Reflow soldering should not be done more than two times.
(2) When soldering,do not put stress on the LEDs during heating.
(3) After soldering,do not warp the circuit board.
(4) The encapsulated material of the LEDs is silicone.
Precautions should be taken to avoid the strong pressure on the encapsulated part.
So when using the chip mounter,the picking up nozzle that does not affect the
silicone resin should be used.
Hand Soldering Conditions:
Do not exceed 3 seconds at maximum 320°C under soldering iron.(one time only)


Similar Part No. - LGXRY-521E-T150

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXRY-521E-S2-T150 LIGITEK-LGXRY-521E-S2-T150 Datasheet
290Kb / 12P
   High Power Light LED
More results

Similar Description - LGXRY-521E-T150

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGX12NAS-521E-T75-A02 LIGITEK-LGX12NAS-521E-T75-A02 Datasheet
276Kb / 12P
   High Power Light LED
LGXR-521E-T150 LIGITEK-LGXR-521E-T150 Datasheet
308Kb / 11P
   High Power Light LED
LGX2WAS-521E-A01 LIGITEK-LGX2WAS-521E-A01 Datasheet
370Kb / 12P
   High Power Light LED
LGXRY-521E-S2-T150 LIGITEK-LGXRY-521E-S2-T150 Datasheet
290Kb / 12P
   High Power Light LED
LGXY-521E-T350 LIGITEK-LGXY-521E-T350 Datasheet
284Kb / 11P
   High Power Light LED
LGXR-521E-T350 LIGITEK-LGXR-521E-T350 Datasheet
260Kb / 11P
   High Power Light LED
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
LOPL-E011RA LITEON-LOPL-E011RA Datasheet
237Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com