Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGXW-521E-TR1-D01 Datasheet(PDF) 1 Page - LIGITEK electronics co., ltd.

Part # LGXW-521E-TR1-D01
Description  0.6W Power Light LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LGXW-521E-TR1-D01 Datasheet(HTML) 1 Page - LIGITEK electronics co., ltd.

  LGXW-521E-TR1-D01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-D01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-D01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-D01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-D01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-D01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-D01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-D01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LGXW-521E-TR1-D01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0.6W Power Light LED
DOC. NO : QW0905-LGXW-521E/TR1-D01
REV.
: A
DATE
: 19 - Jan. - 2011
Lead-Free Parts
Pb
LGXW-521E/TR1-D01
發行
DCC
立碁電子


Similar Part No. - LGXW-521E-TR1-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXW-521E-TR1-CW LIGITEK-LGXW-521E-TR1-CW Datasheet
462Kb / 13P
   1.0W Power Light LED
More results

Similar Description - LGXW-521E-TR1-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-2-CW-D01 LIGITEK-LG-5630WKZ-DT-2-CW-D01 Datasheet
320Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-2-WW-D01 LIGITEK-LG-5630WKZ-DT-2-WW-D01 Datasheet
203Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-1-WW-D01 LIGITEK-LG-5630WKZ-DT-1-WW-D01 Datasheet
335Kb / 16P
   0.6W Power Light LED
logo
Unisonic Technologies
TA7368P UTC-TA7368P Datasheet
211Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_10 Datasheet
220Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_15 Datasheet
261Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPGM0026-DIE MACOM-MAAPGM0026-DIE Datasheet
186Kb / 5P
   Amplifier, Power, 0.6W 1.5-3.3 GHz
logo
Visual Communications C...
VAOP-EWS-1 VCC-VAOP-EWS-1 Datasheet
1Mb / 9P
   Power Light LED
VAOP-EWS-3 VCC-VAOP-EWS-3 Datasheet
1Mb / 9P
   Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com