Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPGF9033-TR2 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LPGF9033-TR2
Description  SURFACE MOUNT TYPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LPGF9033-TR2 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LPGF9033-TR2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LPGF9033-TR2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LPGF9033-TR2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LPGF9033-TR2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LPGF9033-TR2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LPGF9033-TR2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LPGF9033-TR2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LPGF9033-TR2 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
MIL-STD-883D:1008
JIS C 7021: B-10
Reference
Standard
Reliability Test:
Operating Life Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Endurance
Test
High Temperature
Storage Test
Test Item
Classification
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
PART NO.
Page 7/7
MIL-STD-202F:103B
JIS C 7021: B-11
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2
High Temperature
High Humidity
Storage Test
1.IR-Reflow In-Board,2 times
2.Ta=105
℃±5&
-40
℃±5
(10min) (10min)
3.total 10 cycles
Thermal Shock Test
1.IR-Reflow In-Board, 2 Times
2.Ta=65
℃±5
3.RH=90 %~95%
4.t=1000hrs
±2hrs
Solderability Test
Environmental
Test
Temperature
Cycling
1.105
℃ ~ 25℃ ~ 55℃ ~ 25
30mins 5mins 30mins 5mins
2.10 Cyeles
1.T.Sol=235
℃±5
2.Immersion time 2
±0.5sec
3.Immersion rate 25
±2.5mm/sec
4.Immersion rate 25
±2.5mm/sec
5.Coverage
95% of the dipped surface
Solderability Test
Ramp-up rate(183
to Peak) +3 second max
Temp. maintain at 125(
±25)120 seconds max
Temp. maintain above 183
60-150 seconds
Peak temperature range 235
+5-0
Time within 5
of actual Peak Temperature(tp)
10-30 seconds
Ramp-down rate +6
/second max
MIL-STD-750D:2031.2
J-STD-020
Low Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
LPGF9033/TR2


Similar Part No. - LPGF9033-TR2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LPG05AF-25 UTC-LPG05AF-25 Datasheet
133Kb / 4P
   LPG05AF-25
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
LPG10-0500 ETC2-LPG10-0500 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
LPG10-1000 ETC2-LPG10-1000 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
LIGITEK electronics co....
LPG2040-PF LIGITEK-LPG2040-PF Datasheet
135Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LPGF9033-TR2

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LPG9033-TR2 LIGITEK-LPG9033-TR2 Datasheet
134Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LSE9033-TR2-09 LIGITEK-LSE9033-TR2-09 Datasheet
139Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LVY9033-TR2 LIGITEK-LVY9033-TR2 Datasheet
105Kb / 9P
   SURFACE MOUNT TYPE AND REEL
LVY9033-TR1 LIGITEK-LVY9033-TR1 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LVY9033-T-TR2 LIGITEK-LVY9033-T-TR2 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LHY9033-TR2 LIGITEK-LHY9033-TR2 Datasheet
130Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com