Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FK14UM-9 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FK14UM-9
Description  HIGH-SPEED SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FK14UM-9 Datasheet(HTML) 6 Page - Renesas Technology Corp

  FK14UM-9_15 Datasheet HTML 1Page - Renesas Technology Corp FK14UM-9_15 Datasheet HTML 2Page - Renesas Technology Corp FK14UM-9_15 Datasheet HTML 3Page - Renesas Technology Corp FK14UM-9_15 Datasheet HTML 4Page - Renesas Technology Corp FK14UM-9_15 Datasheet HTML 5Page - Renesas Technology Corp FK14UM-9_15 Datasheet HTML 6Page - Renesas Technology Corp FK14UM-9_15 Datasheet HTML 7Page - Renesas Technology Corp FK14UM-9_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FK14UM-9
HIGH-SPEED SWITCHING USE
50
40
30
20
10
0
0
1020304050
PD = 150W
TC = 25°C
Pulse Test
VGS = 20V
10V
5V
4V
6V
20
16
12
8
4
0
0
4
8
12
16
20
PD = 150W
TC = 25°C
Pulse Test
VGS=20V 10V
5V
6V
4V
40
32
24
16
8
0
0
4
8
12
16
20
ID = 20A
TC = 25°C
Pulse Test
14A
7A
40
32
24
16
8
0
0
4
8
12
16
20
TC = 25°C
VDS = 50V
Pulse Test
0
23
10–1
57 100 23 5 7 101 23 5 7 102
2.0
1.6
1.2
0.8
0.4
TC = 25°C
Pulse Test
VGS = 10V
20V
102
7
5
3
2
100
100
23
5 7 101
101
7
5
3
2
23
5 7 102
TC=25°C
VDS = 10V
Pulse Test
125°C
75°C
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)


Similar Part No. - FK14UM-9_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FK14UM-9 MITSUBISHI-FK14UM-9 Datasheet
52Kb / 5P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FK14UM-9 POWEREX-FK14UM-9 Datasheet
58Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FK14UM-9 RENESAS-FK14UM-9 Datasheet
91Kb / 6P
   MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FK14UM-9 ISC-FK14UM-9 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FK14UM-9_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com