Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6660 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6660
Description  Tiny Micropower Precision Series References in 2mm 2mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6660 Datasheet(HTML) 1 Page - Linear Technology

  LT6660_15 Datasheet HTML 1Page - Linear Technology LT6660_15 Datasheet HTML 2Page - Linear Technology LT6660_15 Datasheet HTML 3Page - Linear Technology LT6660_15 Datasheet HTML 4Page - Linear Technology LT6660_15 Datasheet HTML 5Page - Linear Technology LT6660_15 Datasheet HTML 6Page - Linear Technology LT6660_15 Datasheet HTML 7Page - Linear Technology LT6660_15 Datasheet HTML 8Page - Linear Technology LT6660_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6660
1
6660fa
CHANGE IN VOUT (%)
–0.09
0
4
8
16
20
24
32
6660 TA01b
12
28
0.09
–0.05
0.01
–0.01
0.05
Tiny Micropower
Precision Series References
in 2mm × 2mm DFN
The LT®6660 is a family of micropower series references
that combine high accuracy and low drift with low power
dissipation and extremely small package size. These se-
ries references use curvature compensation to obtain
low temperature coefficient, and laser trimmed precision
thin-film resistors to achieve high output accuracy. The
LT6660 will supply up to 20mA with excellent line regula-
tion characteristics, making it ideal for precision regulator
applications.
The LT6660 family of series references provide supply
current and power dissipation advantages over shunt
references that must idle the entire load current to oper-
ate. Additionally, the LT6660 does not require an output
compensation capacitor. This feature is important in
applications where PC board space is a premium, fast set-
tling is demanded, or total capacitance must be kept to a
minimum, as in intrinsic safety applications. Reverse-bat-
tery protection keeps these references from conducting
reverse current.
Handheld Instruments
Precision Regulators
A/D and D/A Converters
Power Supplies
Hard Disk Drives
Sensor Modules
No Output Capacitor Required
Low Drift: 20ppm/°C Max
High Accuracy: 0.2% Max
Low Supply Current
20mA Output Current Guaranteed
Reverse-Battery Protection
Low IR Reflow Induced Stress: 0.02% Typ
Voltage Options: 2.5V, 3V, 3.3V, 5V and 10V
Space-Saving Alternative to the LT1460
3-Lead 2mm × 2mm × 0.75mm DFN Package
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Basic Connection
LT6660
GND
IN
OUT
VOUT + 0.9V ≤ VIN ≤ 20V
6660 TA01
C1
0.1
µF
VOUT
LT6660H VOUT Shift Due to IR Reflow


Similar Part No. - LT6660_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660HCDC-10 LINER-LT6660HCDC-10 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT6660HCDC-2.5 LINER-LT6660HCDC-2.5 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT6660HCDC-3 LINER-LT6660HCDC-3 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT6660HCDC-3.3 LINER-LT6660HCDC-3.3 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT6660HCDC-5 LINER-LT6660HCDC-5 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
More results

Similar Description - LT6660_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
logo
Maxim Integrated Produc...
MAX5128 MAXIM-MAX5128_07 Datasheet
308Kb / 14P
   128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm 關DFN Package
Rev 2; 6/07
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com