Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC489 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC489
Description  Quad RS485 Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC489 Datasheet(HTML) 3 Page - Linear Technology

  LTC489 Datasheet HTML 1Page - Linear Technology LTC489 Datasheet HTML 2Page - Linear Technology LTC489 Datasheet HTML 3Page - Linear Technology LTC489 Datasheet HTML 4Page - Linear Technology LTC489 Datasheet HTML 5Page - Linear Technology LTC489 Datasheet HTML 6Page - Linear Technology LTC489 Datasheet HTML 7Page - Linear Technology LTC489 Datasheet HTML 8Page - Linear Technology LTC489 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC488/LTC489
3
4889fb
DC ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V (Notes 2, 3), unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC488CN#PBF
LTC488CN#TRPBF
LTC488CN
16-Lead Plastic DIP
0°C to 70°C
LTC488CSW#PBF
LTC488CSW#TRPBF
LTC488CSW
16-Lead Plastic SO
0°C to 70°C
LTC488IN#PBF
LTC488IN#TRPBF
LTC488IN
16-Lead Plastic DIP
–40°C to 85°C
LTC488ISW#PBF
LTC488ISW#TRPBF
LTC488ISW
16-Lead Plastic SO
–40°C to 85°C
LTC489CN#PBF
LTC489CN#TRPBF
LTC489CN
16-Lead Plastic DIP
0°C to 70°C
LTC489CSW#PBF
LTC489CSW#TRPBF
LTC489CSW
16-Lead Plastic SO
0°C to 70°C
LTC489IN#PBF
LTC489IN#TRPBF
LTC489IN
16-Lead Plastic DIP
–40°C to 85°C
LTC489ISW#PBF
LTC489ISW#TRPBF
LTC489ISW
16-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VINH
Input High Voltage
EN, EN, EN12, EN34
l
2.0
V
VINL
Input Low Voltage
EN, EN, EN12, EN34
l
0.8
V
IIN1
Input Current
EN, EN, EN12, EN34
l
±2
μA
IIN2
Input Current (A, B)
VCC = 0V or 5.25V, VIN = 12V
VCC = 0V or 5.25V, VIN = – 7V
l
l
1.0
–0.8
mA
mA
VTH
Differential Input Threshold Voltage for Receiver
–7V ≤ VCM ≤ 12V
l
–0.2
0.2
V
ΔVTH
Receiver Input Hysteresis
VCM = 0V
60
mV
VOH
Receiver Output High Voltage
IO = –4mA, VID = 0.2V
l
3.5
V
VOL
Receiver Output Low Voltage
IO = 4mA, VID = –0.2V
l
0.4
V
IOZR
Three-State Output Current at Receiver
VCC = Max 0.4V ≤ VO ≤ 2.4V
l
±1
μA
ICC
Supply Current
No Load, Digital Pins = GND or VCC
l
710
mA
RIN
Receiver Input Resistance
–7V ≤ VCM ≤ 12V, VCC = 0V
l
12
IOSR
Receiver Short-Circuit Current
0V ≤ VO ≤ VCC
l
785
mA
tPLH
Receiver Input to Output
CL = 15pF (Figures 1, 3)
l
12
28
55
ns
tPHL
Receiver Input to Output
CL = 15pF (Figures 1, 3)
l
12
28
55
ns
tSKD
| tPLH – tPHL |
Differential Receiver Skew
CL = 15pF (Figures 1, 3)
4
ns
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25°C.
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V ± 5% (Notes 2, 3), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tZL
Receiver Enable to Output Low
CL = 15pF (Figures 2, 4) S1 Closed
l
30
60
ns
tZH
Receiver Enable to Output High
CL = 15pF (Figures 2, 4) S2 Closed
l
30
60
ns
tLZ
Receiver Disable from Low
CL = 15pF (Figures 2, 4) S1 Closed
l
30
60
ns
tHZ
Receiver Disable from High
CL = 15pF (Figures 2, 4) S2 Closed
l
30
60
ns


Similar Part No. - LTC489

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC489 LINER-LTC489 Datasheet
228Kb / 12P
   Quad RS485 Line Receiver
LTC489 LINER-LTC489 Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC489 LINER-LTC489 Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC489C LINER-LTC489C Datasheet
228Kb / 12P
   Quad RS485 Line Receiver
LTC489CN LINER-LTC489CN Datasheet
228Kb / 12P
   Quad RS485 Line Receiver
More results

Similar Description - LTC489

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC489CSW LINER-LTC489CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488CN LINER-LTC488CN Datasheet
142Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488 Datasheet
228Kb / 12P
   Quad RS485 Line Receiver
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
   Quad Line Receiver
1996 REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com