Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1555L-1.8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1555L-1.8
Description  SIM Power Supply and Level Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1555L-1.8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1555L-1.8_15 Datasheet HTML 1Page - Linear Technology LTC1555L-1.8_15 Datasheet HTML 2Page - Linear Technology LTC1555L-1.8_15 Datasheet HTML 3Page - Linear Technology LTC1555L-1.8_15 Datasheet HTML 4Page - Linear Technology LTC1555L-1.8_15 Datasheet HTML 5Page - Linear Technology LTC1555L-1.8_15 Datasheet HTML 6Page - Linear Technology LTC1555L-1.8_15 Datasheet HTML 7Page - Linear Technology LTC1555L-1.8_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC1555L-1.8
5
VIN (Pin 12): Charge Pump Input Pin. May be between 2.6V
and 6V. There is no power-up sequencing requirement for
VIN with respect to DVCC.
VCC (Pin 13): SIM Card VCC Output. Should be connected
to the SIM VCC contact. The VCC output voltage is deter-
mined by the M0-M2 pins (see Table 1). VCC is discharged
to GND during shutdown (M0, M1 = 0V). A 2.2
µF low ESR
ouptut capacitor should connect close to the VCC pin.
I/O (Pin 14): SIM Side I/O Pin. The pin is an open drain
output with a nominal pull-up resistance of 10k
Ω and
should be connected to the SIM I/O contact. The SIM card
must sink up to 1mA max when driving the I/O pin low due
to the internal pull-up resistors on the I/O and DATA pins.
The I/O pin is held active low during shutdown.
RST (Pin 15): Level Shifted Reset Output Pin. Should be
connected to the SIM RST contact.
CLK (Pin 16): Level Shifted Clock Output Pin. Should be
connected to the SIM CLK contact. Careful trace routing is
recommended due to fast rise and fall edge speeds.
M0
M1
M2
OPERATING MODE
0V
0V
0V or DVCC
Shutdown (VCC = 0V)
0V
DVCC
0V or DVCC
VCC = VIN
DVCC
0V
0V
VCC = 3V
DVCC
0V
DVCC
VCC = 1.8V
DVCC
DVCC
0V or DVCC
VCC = 5V
Table 1. Truth Table
PIN FUNCTIONS
M2 (Pin 6): Mode Control Bit 2 (see Table 1). (Pin 6 was
previously used for soft-start control on the LTC1555.)
M1 (Pin 7): Mode Control Bit 1 (see Table 1).
M0 (Pin 8): Mode Control Bit 0 (see Table 1).
GND (Pin 9): Ground for Both the SIM and the Controller.
Should be connected to the SIM GND contact as well as to
the VIN/controller GND. Proper grounding and supply
bypassing is required to meet 10kV ESD specifications.
C1(Pin 10): Charge Pump Flying Capacitor Negative Input.
C1+ (Pin 11): Charge Pump Flying Capacitor Positive Input.
BLOCK DIAGRA
DDRV
OPTIONAL
1
µA
I/O
DATA
20k
10k
CLK
CIN
RST
DVCC
M2
1.8V
RIN
GND
M1
M0
VIN
VBATT
CIN
1
µF
VCC
I/O
CLK
RST
GND
VCC
C1+
0.1
µF
C1
STEP-UP/
STEP-DOWN
CHARGE PUMP
DC/DC
CONVERTER
SIM
CONTROLLER
VCC
COUT
2.2
µF
UVLO
LTC1555L-1.8
1555L BD


Similar Part No. - LTC1555L-1.8_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
More results

Similar Description - LTC1555L-1.8_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L Datasheet
136Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com