Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL14KM-8A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FL14KM-8A
Description  HIGH-SPEED SWITCHING USE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FL14KM-8A Datasheet(HTML) 6 Page - Renesas Technology Corp

  FL14KM-8A_15 Datasheet HTML 1Page - Renesas Technology Corp FL14KM-8A_15 Datasheet HTML 2Page - Renesas Technology Corp FL14KM-8A_15 Datasheet HTML 3Page - Renesas Technology Corp FL14KM-8A_15 Datasheet HTML 4Page - Renesas Technology Corp FL14KM-8A_15 Datasheet HTML 5Page - Renesas Technology Corp FL14KM-8A_15 Datasheet HTML 6Page - Renesas Technology Corp FL14KM-8A_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MITSUBISHI Nch POWER MOSFET
FL14KM-8A
HIGH-SPEED SWITCHING USE
Sep. 2001
0
4
8
12
16
20
0
4
8
12
16
20
7A
14A
ID = 21A
TC = 25
°C
Pulse Test
0
0.2
0.4
0.6
0.8
1.0
10–1 2
100
35 7
2
101
35 7
2
102
35 7
TC = 25
°C
Pulse Test
VGS = 10V
20V
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS. DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
0
4
8
12
16
20
0
4
8
12
16
20
TC = 25
°C
VDS = 10V
Pulse Test
100
102
101
23
5
7
23
5
7
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
VDS = 10V
Pulse Test
TC = 25
°C
125
°C
75
°C
100
3
25 7
101
3
25 7
102
3
22
57
101
102
2
3
5
7
103
2
3
5
7
104
2
3
5
7
Ciss
Coss
Crss
TCh = 25
°C
f = 1MHZ
VGS = 0V
100
102
101
23
5
7
23
5
7
101
5
7
102
2
3
5
7
2
3
5
TCh = 25
°C
VDD = 200V
VGS = 10V
RGEN = RGS = 50
td(off)
td(on)
tf
tr


Similar Part No. - FL14KM-8A_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FL14KM-8A MITSUBISHI-FL14KM-8A Datasheet
75Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FL14KM-8A RENESAS-FL14KM-8A Datasheet
89Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

Similar Description - FL14KM-8A_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com