Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1650 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1650
Description  Low Glitch 16-Bit Voltage Output DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1650_15 Datasheet HTML 2Page - Linear Technology LTC1650_15 Datasheet HTML 3Page - Linear Technology LTC1650_15 Datasheet HTML 4Page - Linear Technology LTC1650_15 Datasheet HTML 5Page - Linear Technology LTC1650_15 Datasheet HTML 6Page - Linear Technology LTC1650_15 Datasheet HTML 7Page - Linear Technology LTC1650_15 Datasheet HTML 8Page - Linear Technology LTC1650_15 Datasheet HTML 9Page - Linear Technology LTC1650_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1650
DVDD Supply Current vs
Temperature
Offset Error vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1650 G10
–4.5
–4.6
–4.7
–4.8
–4.9
–5.0
–5.1
–5.2
–5.3
–5.4
–5.5
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1650 G11
25
20
15
10
5
0
TEMPERATURE (
°C)
1650 G12
0
–0.5
–1.0
–1.5
–2.0
–55
–25
5
35
65
95
125
AVSS Supply Current vs
Temperature
Supply Current vs Logic Input
Voltage
Gain Error vs Temperature
LOGIC INPUT VOLTAGE (V)
012345
1650 G14
2
1
0
ALL LOGIC INPUTS
TIED TOGETHER
TEMPERATURE (
°C)
–55
–25
5
35
65
95
125
1650 G13
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
VOUT (Pin 1): The DAC Output. The output will swing from
REFLO to REFHI in unipolar mode and from (2 • REFLO
– REFHI) to REFHI in bipolar mode.
VRST (Pin 2): The user-defined voltage to which the output
gets reset when CLR is active, when any of the supplies
drop below 2.5V or when the part powers-up. The output
will stay at this voltage until a new code is loaded into the
DAC register.
DVDD (Pin 3): The Digital Positive Supply Input. 4.75V ≤
DVDD ≤ 5.25V.
DGND (Pin 4): Digital Ground.
DIN (Pin 5): The TTL Level Input for the Serial Interface
Data. Data on the DIN pin is latched into the shift register
on the rising edge of the serial clock. Data is loaded as one
16-bit word, MSB first.
DOUT (Pin 6): The output of the shift register that be-
comes valid on the rising edge of the serial clock.
CLK (Pin 7): The TTL Level Input for the Serial Interface
Clock.
PI FU CTIO S


Similar Part No. - LTC1650_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650ACN LINER-LTC1650ACN Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650ACS LINER-LTC1650ACS Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650AIN LINER-LTC1650AIN Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650AIS LINER-LTC1650AIS Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650C LINER-LTC1650C Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
More results

Similar Description - LTC1650_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC82001 TI-DAC82001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82002 TI-DAC82002_V01 Datasheet
2Mb / 32P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
REVISED DECEMBER 2022
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC82002 TI-DAC82002 Datasheet
1Mb / 22P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
AUGUST 2022
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com