Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-010513 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010513
Description  Amplifier, Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010513 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010513_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010513_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010513_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010513_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010513_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010513_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Amplifier, Driver
40.5 - 43.5 GHz
Rev. V4
MAAM-010513
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications:
Freq: 40.5 - 43.5 GHz, TA = 25°C, VD = 4 V, ID1 = ID2 = 100 mA, ID3 = 200 mA
Parameter
Units
Min.
Typ.
Max.
Small Signal Gain
dB
19
23
27
Input Return Loss
dB
-
12
-
Output Return Loss
dB
-
15
-
Reverse isolation
dB
-
50
-
Output P1dB
dBm
-
23
-
Output IP3
dBm
27
32
-
Saturated Output Power
dBm
21
25
-
Quiescent Current
3
mA
-
400
500
Absolute Maximum Ratings 4,5,6
Parameter
Absolute Max.
Drain Voltage
+4.3 V
Gate Bias Voltage
-1.5V < Vg < 0V
Input Power
+10 dBm
Junction Temperature7
150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +150°C
3. Adjust Vg between –1.0 and –0.1 V to achieve specified current. Typical 400 mA = 100 (ID1) + 100 (ID2) + 200 (ID3)
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Human Body Model Class 1B and Machine Model
Class A devices.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. MACOM does not recommend sustained operation near
these survivability limits.
6. Operating at nominal conditions with TJ ≤ 150°C will ensure
MTTF > 1 x 106 hours.
7. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 26° C/W.
a) For TC = 25°C,
TJ = 67°C @ 4 V, 400 mA
b) For TC = 85°C,
TJ = 127°C @ 4 V, 400 mA


Similar Part No. - MAAM-010513_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010513 MA-COM-MAAM-010513 Datasheet
1,007Kb / 6P
   Amplifier, Driver
More results

Similar Description - MAAM-010513_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011132 MA-COM-MAAM-011132_15 Datasheet
488Kb / 5P
   Driver Amplifier
MAAM-010513 MA-COM-MAAM-010513 Datasheet
1,007Kb / 6P
   Amplifier, Driver
MAAM-011132 MA-COM-MAAM-011132 Datasheet
652Kb / 4P
   Driver Amplifier
MAAM-011139 MA-COM-MAAM-011139_16 Datasheet
655Kb / 5P
   Driver Amplifier
MAAM-011139 MA-COM-MAAM-011139_15 Datasheet
675Kb / 4P
   Driver Amplifier
MAAM-011139 MA-COM-MAAM-011139 Datasheet
675Kb / 4P
   Driver Amplifier
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
   RF Driver Amplifier
logo
Analog Devices
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
   RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
   RF Driver Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com