Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-011101 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011101
Description  Ultra small Broadband General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011101 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011101_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011101_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011101_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011101_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011101_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011101_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011101_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Ultra small Broadband General Purpose Amplifier
4 - 20 GHz
Rev. V1
MAAM-011101
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
5
Noise Figure
Gain
Typical Performance Curves over supply voltage, TA = +25°C, Z0 = 50 Ω
Output Return Loss
Input Return Loss
Output IP3
Output P1dB
5
10
15
20
25
4
6
8
10
1214161820
5V
6V
7V
8V
9V
12V
Frequency (GHz)
0
2
4
6
8
4
6
8
10
12
14
16
18
20
5V
6V
7V
8V
9V
12V
Frequency (GHz)
-25
-20
-15
-10
-5
0
4
6
8
10
1214161820
5V
6V
7V
8V
9V
12V
Frequency (GHz)
-25
-20
-15
-10
-5
0
4
6
8
10
1214161820
5V
6V
7V
8V
9V
12V
Frequency (GHz)
8
12
16
20
24
4
6
8
10
1214161820
5V
6V
7V
8V
9V
12V
Frequency (GHz)
20
24
28
32
36
4
6
8
10
1214161820
5V
6V
7V
8V
9V
12V
Frequency (GHz)


Similar Part No. - MAAM-011101_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011101-001SMB MA-COM-MAAM-011101-001SMB Datasheet
434Kb / 7P
   Ultra small Broadband General Purpose Amplifier
MAAM-011101-TR1000 MA-COM-MAAM-011101-TR1000 Datasheet
434Kb / 7P
   Ultra small Broadband General Purpose Amplifier
More results

Similar Description - MAAM-011101_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011101 MA-COM-MAAM-011101 Datasheet
434Kb / 7P
   Ultra small Broadband General Purpose Amplifier
MAAM-011101 MA-COM-MAAM-011101 Datasheet
434Kb / 7P
   Ultra small Broadband General Purpose Amplifier
logo
Rohm
2SC5658 ROHM-2SC5658 Datasheet
2Mb / 15P
   General purpose small signal amplifier
BC847B ROHM-BC847B_V01 Datasheet
1Mb / 10P
   General purpose small signal amplifier
20190128 - Rev.003
2SC4081UB ROHM-2SC4081UB Datasheet
82Kb / 4P
   General purpose small signal amplifier
2SC4617EB ROHM-2SC4617EB Datasheet
80Kb / 4P
   General purpose small signal amplifier
2SA1576UB ROHM-2SA1576UB_09 Datasheet
164Kb / 3P
   General purpose small signal amplifier
logo
List of Unclassifed Man...
BBA-322-A ETC-BBA-322-A Datasheet
108Kb / 8P
   GENERAL-PURPOSE BROADBAND RF AMPLIFIER DATA GUIDE
logo
Fairchild Semiconductor
MPS2924 FAIRCHILD-MPS2924 Datasheet
41Kb / 1P
   NPN Small Signal General Purpose Amplifier
logo
New Jersey Semi-Conduct...
2N3691 NJSEMI-2N3691 Datasheet
129Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com