Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0220012 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P0220012
Description  Standard Power Extension Cord Y Splitter Cable, 10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P0220012 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P0220012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P0220012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Power Extension Cord Y Splitter Cable,
10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft.
MODEL NUMBER: P022-001-2
Description
Tripp Lite's P022-001-2 Power Extension/Adapter cable provides maximum use of power outlets when using AC adapters. Free up twice as much space by
plugging 2 cords into 1 outlet. Reduce the number of cords needed when traveling by powering two devices using one cable. Extend 2 cables up to 1 ft. using
the same outlet. Features two NEMA 5-15R receptacles and a NEMA 5-15P plug.
Features
Maximize outlet space when using AC Adapters
Free up twice as much space by plugging 2 cords into 1 outlet
Reduce the number of cords needed when traveling by powering 2 devices using 1 outlet
Extend 2 cables up to 1-ft.
ROHS compliant
2 x NEMA 5-15R to NEMA 5-15P
18AWG x 3C, SJT, 10A, 120V
UL Listed
Specifications
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.30
PHYSICAL
Color
Black
Highlights
Maximize outlet space by
plugging up to 2 AC adapters into
one outlet
Free up twice as much space by
plugging 2 cords into one outlet
Reduce the number of cords
needed when traveling by
powering two devices using one
cable
Extend 2 cables up to 1 ft. using
the same outlet
ROHS compliant
UL Listed
Package Includes
P022-001-2 Power
Extension/Adapter Cable
1 / 2


Similar Part No. - P0220012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022001 TRIPPLITE-P022001 Datasheet
469Kb / 2P
   Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
More results

Similar Description - P0220012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022001 TRIPPLITE-P022001 Datasheet
469Kb / 2P
   Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P022025 TRIPPLITE-P022025 Datasheet
487Kb / 2P
   Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 25-ft
P022-015 TRIPPLITE-P022-015 Datasheet
494Kb / 4P
   Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R) 15-ft.
P022015 TRIPPLITE-P022015 Datasheet
487Kb / 2P
   Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 15-ft
P02418N13A2R TRIPPLITE-P02418N13A2R Datasheet
490Kb / 2P
   Standard Power Extension Cord Y Splitter Cable, 13A, 16AWG (NEMA 5-15P to 2x NEMA 5-15R), 18-in
P02400113A TRIPPLITE-P02400113A Datasheet
497Kb / 2P
   Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P02401013A TRIPPLITE-P02401013A Datasheet
497Kb / 2P
   Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 10-ft
P02400313A TRIPPLITE-P02400313A Datasheet
497Kb / 2P
   Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 3-ft
P02400613A TRIPPLITE-P02400613A Datasheet
498Kb / 2P
   Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 6-ft
P024-015-13A TRIPPLITE-P024-015-13A Datasheet
497Kb / 2P
   Standard Power Extension Cord, 13A, 16 AWG (NEMA 5-15P to NEMA 5-15R), 15 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com